Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1033 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1033
Description  3A Negative Adjustable Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1033 Datasheet(HTML) 2 Page - Linear Technology

  LT1033_15 Datasheet HTML 1Page - Linear Technology LT1033_15 Datasheet HTML 2Page - Linear Technology LT1033_15 Datasheet HTML 3Page - Linear Technology LT1033_15 Datasheet HTML 4Page - Linear Technology LT1033_15 Datasheet HTML 5Page - Linear Technology LT1033_15 Datasheet HTML 6Page - Linear Technology LT1033_15 Datasheet HTML 7Page - Linear Technology LT1033_15 Datasheet HTML 8Page - Linear Technology LT1033_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1033
1033fc
LT1033M
LT1033C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VREF
Reference Voltage
|VIN – VOUT| = 5V, IOUT = 5mA,
TJ = 25°C
–1.238
–1.250
–1.262
–1.238
–1.250
–1.262
V
3V
≤ |VIN – VOUT| ≤ 35V
5mA
≤ IOUT ≤ IMAX, P ≤ PMAX
q
–1.215
–1.250
–1.285
–1.200
–1.250
–1.300
V
∆VOUT
Load Regulation
10mA
≤ IOUT ≤ IMAX, (Note 3)
∆IOUT
TJ = 25°C,|VOUT| ≤ 5V
10
50
10
50
mV
TJ = 25°C,|VOUT| ≥ 5V
0.2
1.0
0.2
1.0
%
|VOUT| ≤ 5V
q
20
75
20
75
mV
|VOUT| ≥ 5V
q
0.4
1.5
0.4
1.5
%
∆VOUT
Line Regulation
3V
≤ |VIN – VOUT| ≤ 35V, (Note 2)
∆VIN
TJ = 25°C
0.005
0.015
0.01
0.02
%/V
q
0.01
0.04
0.02
0.05
%/V
Ripple Rejection
VOUT = –10V, f = 120Hz
CADJ = 0
56
66
60
dB
CADJ = 10µF
7080
6677
dB
Thermal Regulation
TJ = 25°C, 10ms Pulse
0.002
0.02
0.002
0.02
%/W
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
Storage Temperature Range
LT1033M (OBSOLETE) ............................... –65
°C to 150°C
LT1033C ..................................................... –65
°C to 150°C
Lead Temperature (Soldering, 10 sec.) ........................ 300
°C
BOTTOM VIEW
Consider the P or T Packages for Alternate Source
FRONT VIEW
OBSOLETE PACKAGE
LT1033MK
LT1033CK
ORDER PART NUMBER
ORDER PART NUMBER
LT1033CT
ORDER PART NUMBER
LT1033CP
K PACKAGE
4-LEAD TO-3 METAL CAN
TJMAX = 150°C, θJA = 35°C/W(MK)
TJMAX = 125°C, θJA = 35°C/W(CK)
T PACKAGE
3-LEAD PLASTIC TO-220
TJMAX = 125°C, θJA = 50°C/W
CASE IS
VIN
VIN
VOUT
ADJ
CASE IS VIN
FRONT VIEW
P PACKAGE
3-LEAD PLASTIC TO-3P
TJMAX = 125°C, θJA = 35°C/W
VIN
VOUT
ADJ
CASE IS VIN
12
ADJ VOUT
Consult LTC Marketing for parts specified with wider operating temperature ranges.
(Note 1)
(Note 2)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
Power Dissipation ....................................... Internally Limited
Input to Output Voltage Differential ................................. 35V
Operating Junction Temperature Range
LT1033M (OBSOLETE) ............................... –55
°C to 150°C
LT1033C ......................................................... 0
°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com