Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1036 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1036
Description  Logic Controlled Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1036 Datasheet(HTML) 2 Page - Linear Technology

  LT1036_15 Datasheet HTML 1Page - Linear Technology LT1036_15 Datasheet HTML 2Page - Linear Technology LT1036_15 Datasheet HTML 3Page - Linear Technology LT1036_15 Datasheet HTML 4Page - Linear Technology LT1036_15 Datasheet HTML 5Page - Linear Technology LT1036_15 Datasheet HTML 6Page - Linear Technology LT1036_15 Datasheet HTML 7Page - Linear Technology LT1036_15 Datasheet HTML 8Page - Linear Technology LT1036_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1036
1036fb
Operating Junction Temperature
LT1036M .......................................... – 55
°C to 150°C
LT1036C ................................................ 0
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
LT1036MK
LT1036CK
ORDER PART
NUMBER
LT1036CT
1
4
5
2
VIN
VO
VEN
CASE
IS GND
AUX
K PACKAGE
4-LEAD TO-3 METAL CAN
BOTTOM VIEW
TJMAX = 125°C, θJC = 3°C/W
T PACKAGE
5-LEAD PLASTIC TO-220
FRONT VIEW
VIN
AUX
GND
VEN
VO
5
4
3
2
1
TJMAX = 150°C, θJC = 2.5°C/W
TJMAX = 125°C, θJC = 2.5°C/W
Power Dissipation
Continuous (Note 6) ........................................... 24W
Fault Conditions .............................. Internally Limited
Input Voltage (VIN) .................................................. 30V
Enable Voltage (VEN) ............................................... 30V
ABSOLUTE
AXI U
RATI GS
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VO
Output Voltage
TJ = 25°C
11.76
12
12.24
V
High
15V
≤ VIN ≤ 30V,
●
11.52
12.48
V
IOUT ≤ IMAX (Note 7)
Low
7V
≤ VIN ≤ 30V
●
0.1
0.3
V
∆VO
Load Regulation
VIN = 16V
∆IO
(Note 7)
0
≤ IO ≤ 3A (Note 3)
●
10
80
mV
∆VO
Line
15V
≤ VIN ≤ 30V
1
4
mV/V
∆VIN
Regulation
(Note 3)
Ripple Rejection
50Hz
≤ f ≤ 500Hz (Note 9)
50
60
dB
Thermal Regulation
∆PD = 20W (Note 5)
0.003
0.012
%/W
IO
Available Load Current
15V
≤ VIN ≤ 20V
●
34
A
(Note 7)
VIN = 25V
●
2
2.7
A
ISC
Short Circuit
VIN = 15V
2.3
4
A
Current
VIN = 25V
1
2
A
VIN
Input Voltage to
(Note 6)
Maintain Regulation
IO = 1A
●
13.8
14.5
V
(Dropout Voltage)
IO = 3A
●
14.4
15
V
PACKAGE/ORDER I FOR ATIO
100% Burn-In in Thermal Limit
PRECO DITIO I G
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The
● denotes the specifications which apply over the full operating
temperature range. Main regulator (Note 2) VIN = 15V unless otherwise noted.
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com