Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1102 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1102
Description  High Speed, Precision, JFET Input Instrumentation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1102 Datasheet(HTML) 5 Page - Linear Technology

  LT1102 Datasheet HTML 1Page - Linear Technology LT1102 Datasheet HTML 2Page - Linear Technology LT1102 Datasheet HTML 3Page - Linear Technology LT1102 Datasheet HTML 4Page - Linear Technology LT1102 Datasheet HTML 5Page - Linear Technology LT1102 Datasheet HTML 6Page - Linear Technology LT1102 Datasheet HTML 7Page - Linear Technology LT1102 Datasheet HTML 8Page - Linear Technology LT1102 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT1102
5
1102fb
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: This parameter is tested on a sample basis only.
Note 3: Current noise is calculated from the formula:
in = (2qIB)1/2
where q = 1.6 • 10–19 coulomb. The noise of source resistors up to 1G
Ω
swamps the contribution of current noise.
Note 4: This parameter is not tested. It is guaranteed by design and by
inference from the slew rate measurement.
Note 5: Overdrive recovery is defined as the time delay from the removal
of an input overdrive to the output’s return from saturation to linear
operation.
50% overdrive equals VIN = ±2V (G = 10) or VIN = ±200mV (G = 100).
Note 6: This parameter is not tested. It is guaranteed by design and by
inference from other tests.
TYPICAL PERFOR A CE CHARACTERISTICS
Small Signal Response, G = 10
(Input = 50mV Pulse)
Small Signal Response, G = 100
(Input = 5mV Pulse)
Slew Rate, G = 100
(Input =
±130mV Pulse)
Settling Time, G = 10
(Input From – 10V to 10V)
Settling Time, G = 10
(Input From 10V to –10V)
Settling Time, G = 100
(Input From – 10V to 10V)
2
μS/DIV
FPOLT1102 • TPC01
2
μS/DIV
FPOLT1102 • TPC02
2
μS/DIV
FPOLT1102 • TPC03
2
μS/DIV
FPOLT1102 • TPC07
1
μS/DIV
FPOLT1102 • TPC04
1
μS/DIV
FPOLT1102 • TPC05
2
μS/DIV
FPOLT1102 • TPC06
Settling Time, G = 100
(Input From 10V to –10V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com