Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC485 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC485
Description  Low Power RS485 Interface Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC485 Datasheet(HTML) 4 Page - Linear Technology

  LTC485 Datasheet HTML 1Page - Linear Technology LTC485 Datasheet HTML 2Page - Linear Technology LTC485 Datasheet HTML 3Page - Linear Technology LTC485 Datasheet HTML 4Page - Linear Technology LTC485 Datasheet HTML 5Page - Linear Technology LTC485 Datasheet HTML 6Page - Linear Technology LTC485 Datasheet HTML 7Page - Linear Technology LTC485 Datasheet HTML 8Page - Linear Technology LTC485 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LTC485
4
485fk
For more information www.linear.com/LTC485
TYPICAL PERFORMANCE CHARACTERISTICS
Receiver Output Low Voltage
vs Temperature
Driver Differential Output Voltage
vs Output Current
Driver Differential Output Voltage
vs Temperature
Driver Output Low Voltage
vs Output Current
Driver Output High Voltage
vs Output Current
TTL Input Threshold
vs Temperature
Receiver Output Low Voltage
vs Output Current
Receiver Output High Voltage
vs Output Current
Receiver Output High Voltage
vs Temperature
OUTPUT VOLTAGE (V)
0
0
4
12
16
20
1.0
36
485 G01
8
0.5
2.0
24
28
32
1.5
TA = 25°C
OUTPUT VOLTAGE (V)
5
0
–2
–6
–8
–10
3
–18
485 G02
–4
4
–12
–14
–16
2
TA = 25°C
TEMPERATURE (°C)
–50
3.0
3.2
3.6
3.8
4.0
75
4.8
485 G03
3.4
0
125
4.2
4.4
4.6
–25
25
50
100
I = 8mA
TEMPERATURE (°C)
–50
0
0.1
0.3
0.4
0.5
75
0.9
485 G04
0.2
0
125
0.6
0.7
0.8
–25
25
50
100
I = 8mA
OUTPUT VOLTAGE (V)
0
0
8
24
32
40
2
72
485 G05
16
1
3
48
56
64
4
TA = 25°C
TEMPERATURE (°C)
–50
1.5
1.6
1.8
1.9
2.0
75
2.4
485 G06
1.7
0
125
2.1
2.2
2.3
–25
25
50
100
RI = 54
OUTPUT VOLTAGE (V)
0
0
10
30
40
50
2
90
485 G07
20
1
3
60
70
80
4
TA = 25°C
OUTPUT VOLTAGE (V)
0
0
–12
–36
–48
–60
2
–108
485 G08
–24
1
3
–72
–84
–96
4
TA = 25°C
TEMPERATURE (°C)
–50
1.55
1.56
1.58
1.59
1.60
75
1.64
485 G09
1.57
0
125
1.61
1.62
1.63
–25
25
50
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com