Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC487 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC487
Description  Quad Low Power RS485 Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC487 Datasheet(HTML) 2 Page - Linear Technology

  LTC487 Datasheet HTML 1Page - Linear Technology LTC487 Datasheet HTML 2Page - Linear Technology LTC487 Datasheet HTML 3Page - Linear Technology LTC487 Datasheet HTML 4Page - Linear Technology LTC487 Datasheet HTML 5Page - Linear Technology LTC487 Datasheet HTML 6Page - Linear Technology LTC487 Datasheet HTML 7Page - Linear Technology LTC487 Datasheet HTML 8Page - Linear Technology LTC487 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC487

487fc
pin conFiguraTion
absoluTe MaxiMuM raTings
Supply Voltage (VCC) ................................................12V
Control Input Voltages .................... –0.5V to VCC + 0.5V
Driver Input Voltages ...................... –0.5V to VCC + 0.5V
Driver Output Voltages............................................ ±14V
Control Input Currents .........................................±25mA
Driver Input Currents ...........................................±25mA
Operating Temperature Range
Commercial ............................................. 0°C to 70°C
Industrial .............................................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec.)..................300°C
(Note 1)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DI1
DO1A
DO1B
EN12
DO2B
DO2A
DI2
GND
DI3
DO3A
DO3B
EN34
DO4B
DO4A
DI4
V
N PACKAGE
16-LEAD PLASTIC DIP
TOP VIEW
CC
SW PACKAGE
16-LEAD PLASTIC SO
TJMAX = 125°C, θJA = 70°C/W (N)
TJMAX = 150°C, θJA = 95°C/W (S)
Consult factory for Military grade parts.
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC487CN#PBF
LTC487CN#TRPBF
LTC487CN
16-Lead Plastic DIP
0°C to 70°C
LTC487CSW#PBF
LTC487CSW#TRPBF
LTC487CSW
16-Lead Plastic SO
0°C to 70°C
LTC487IN#PBF
LTC487IN#TRPBF
LTC487IN
16-Lead Plastic DIP
–40°C to 85°C
LTC487ISW#PBF
LTC487IS#TRPBF
LTC487ISW
16-Lead Plastic SO
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com