Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3395 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3395
Description  Sensing resistor selection and usage
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3395 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3395 Datasheet HTML 3Page - STMicroelectronics AN3395 Datasheet HTML 4Page - STMicroelectronics AN3395 Datasheet HTML 5Page - STMicroelectronics AN3395 Datasheet HTML 6Page - STMicroelectronics AN3395 Datasheet HTML 7Page - STMicroelectronics AN3395 Datasheet HTML 8Page - STMicroelectronics AN3395 Datasheet HTML 9Page - STMicroelectronics AN3395 Datasheet HTML 10Page - STMicroelectronics AN3395 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AN3395
Conclusion
Doc ID 018779 Rev 1
9/11
5
Conclusion
This document provides guidance to the user for the selection, the power consumption
consideration and the layout of the sensing resistor used with the STC310x battery monitor
for gas gauge applications. In most applications, 33 m
Ω or 20 mΩ resistance is preferred to
avoid power consumption concerns. With regards to PCB layout, the sensing resistor should
be positioned as close to the STC310x as possible and the two terminals of Rcg directly
connected to the CG and GND pins of the STC310x. The sensing resistor should be
connected to the PCB ground plane. In the event of RF frequency exposure, capacitive
filtering should be implemented by the parallel placement of high-frequency ceramic
capacitors to avoid the disturbance of the GND pin of the STC310x for more accurate SOC
measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com