Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3973 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3973
Description  Electronic ballast with active PFC using
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3973 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3973 Datasheet HTML 16Page - STMicroelectronics AN3973 Datasheet HTML 17Page - STMicroelectronics AN3973 Datasheet HTML 18Page - STMicroelectronics AN3973 Datasheet HTML 19Page - STMicroelectronics AN3973 Datasheet HTML 20Page - STMicroelectronics AN3973 Datasheet HTML 21Page - STMicroelectronics AN3973 Datasheet HTML 22Page - STMicroelectronics AN3973 Datasheet HTML 23Page - STMicroelectronics AN3973 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AN3973
Bill of material
Doc ID 022164 Rev 1
21/24
8
Bill of material
Table 4.
Bill of material
Quantity
Reference
Part/value
2
R1/R2
2.7 M
Ω
1R3
15 k
Ω
2
R4/R5
270 k
Ω
1R6
47 k
Ω
1
R7
10
Ω
1
R12
47 k
Ω
1R9
0.39
Ω
1R10
1
Ω
2
R11/R12
220
Ω
2
R13/R14
1 M
Ω
1
R15
15 k
Ω
1
R16
82 k
Ω
1
R17
10 k
Ω
3
R18/R19/R20
180 k
Ω
2
R21/R23
5.6
Ω
2
R22/R24
33
Ω
2
R25/R26
0.82
Ω
1
R27
180
Ω
1C1
150 nF
4
C2/C5/C17/C18
10 nF
1
C3
10 µF
2
C4/C8
100 nF
1
C6
33 µF
1C7
1 µF
1
C21
680 pF
2
C10/C12
4.7 nF
2
C11/C13
10 nF
2
C14/C15
100 nF
1
C20
27 pF
1
C19
330 nF
1
Filter capacitance
2.2 nF
1
D1
STTH1L06A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com