Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3978 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3978
Description  Designing a digital output module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3978 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3978 Datasheet HTML 9Page - STMicroelectronics AN3978 Datasheet HTML 10Page - STMicroelectronics AN3978 Datasheet HTML 11Page - STMicroelectronics AN3978 Datasheet HTML 12Page - STMicroelectronics AN3978 Datasheet HTML 13Page - STMicroelectronics AN3978 Datasheet HTML 14Page - STMicroelectronics AN3978 Datasheet HTML 15Page - STMicroelectronics AN3978 Datasheet HTML 16Page - STMicroelectronics AN3978 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
AN3978
EMC testing
Doc ID 022179 Rev 1
13/19
Table 3 and Table 4 indicate application surge immunity. Supply voltage and output ports
have been tested in common mode (CM) as well as in differential mode (DM). When surge
has been applied to supply lines in common mode, the application worked without any
influence, see Table 3. Differential mode influences the L6370Q operation due to the fact
that high energy surge pulses cause short-time power interruptions on the chip supply.
Immunity of the output in differential mode depends on the supply voltage capacitive filter.
Selection of the supply capacitor (C1) dramatically influences the achieved test result.
Practical tests showed that applications with a low ESR (0.074
Ω) 100 μF capacitor passed
3 kV successfully and failed at -3.5 kV. The same result has been achieved with a standard
220
μF SMD capacitor (ESR = 0.18 Ω). Applications with a standard 100 μF SMD (ESR =
0.34
Ω) capacitor usually failed at -2.5 kV, and with a 47 μF SMD capacitor (ESR = 0.68 Ω),
at -2 kV.
Table 4.
Application surge test results, surge applied to output lines
Configuration
Mode
Surge test signal amplitude, test results at polarity (+ / -)
1 kV
1.5 kV
2 kV
2.5 kV
3 kV
Standard
demonstration
board configuration
Common (CM)
B / B
B / B
B / B
B / B
B / B
Differential (DM)
B / B
B / B
B / B
B / B
B / B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com