Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3980 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3980
Description  This application note describes the implementation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3980 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3980 Datasheet HTML 1Page - STMicroelectronics AN3980 Datasheet HTML 2Page - STMicroelectronics AN3980 Datasheet HTML 3Page - STMicroelectronics AN3980 Datasheet HTML 4Page - STMicroelectronics AN3980 Datasheet HTML 5Page - STMicroelectronics AN3980 Datasheet HTML 6Page - STMicroelectronics AN3980 Datasheet HTML 7Page - STMicroelectronics AN3980 Datasheet HTML 8Page - STMicroelectronics AN3980 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
November 2011
Doc ID 022200 Rev 1
1/18
AN3980
Application note
STM32™ firmware library for dSPIN L6470
1
Introduction
This application note describes the implementation of the STM32 firmware library for the dSPIN
stepper motor control product (L6470). It provides a guide on how to use the library for final
application development.
The L6470 is a fully integrated microstepping motor driver with embedded motion engine and SPI
communication interface. A low RDSON DMOS power stage is also a part of the IC. The chip
supports different operating modes including a 128-microstep resolution. It is based on digital
control core surrounded with a number of different peripherals and protections. Chip operating
mode, motion profiles, and all the other parameters are memorized in an embedded set of
registers. Communication with the IC is done through an integrated 5 MHz SPI periphery in
determined data format according to the documentation. See the L6470 datasheet for more details
about registers, application commands, etc. The firmware library speeds up the application
development process and saves time consumed by register constant definitions and command
routine implementation in the microcontroller source code.
Firmware library main features
■ Designed for the STM32F1xx microcontroller family
■ STEVAL-PCC009V2 + STM32 value line Discovery demonstration boards supported with library
configuration (dspin.h) and development tools project files
■ Easy portability due to ANSI C standard compliance
– Only HAL (“Hardware Abstraction Layer”) routines should be modified when used with
another platform
– Simple portability to STM8™ families thanks to similar HAL routines for peripherals - SPI,
GPIOs, etc.
■ Library contains project folders (files) for development tools:
– IAR™ - EWARM v5
J-Link for STEVAL-PCC009V2
ST-Link for STM32 VL Discovery
– IAR - EWARM v6
J-Link for STEVAL-PCC009V2
– KEIL - µVision® v4.03, v4.20
ULINK2® for STEVAL-PCC009V2
ULINK Pro for STEVAL-PCC009V2
ST-Link for STM32 VL Discovery
– Raisonance - RIDE v7
R-Link for STEVAL-PCC009V2
www.st.com


Similar Part No. - AN3980

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3981 STMICROELECTRONICS-AN3981 Datasheet
3Mb / 54P
LED array drivers
13-Jan-2012
AN3984 STMICROELECTRONICS-AN3984 Datasheet
499Kb / 46P
The purpose of this document is to provide a tool to calculate
26-Sep-2011
AN3985 STMICROELECTRONICS-AN3985 Datasheet
1Mb / 105P
Using the CR95HF library with STM8L microcontrollers
07-Feb-2012
logo
Panasonic Semiconductor
AN3986FBP PANASONIC-AN3986FBP Datasheet
179Kb / 14P
Stereo Audio Signal Processor ICs for 8-mm Camcorder
AN3986FHP PANASONIC-AN3986FHP Datasheet
179Kb / 14P
Stereo Audio Signal Processor ICs for 8-mm Camcorder
More results

Similar Description - AN3980

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3423 STMICROELECTRONICS-AN3423 Datasheet
93Kb / 13P
This application note describes the operations
18-Sep-2013
AN3089 STMICROELECTRONICS-AN3089 Datasheet
649Kb / 25P
This application note describes the characteristics
06-Oct-2014
AN3233 STMICROELECTRONICS-AN3233 Datasheet
2Mb / 35P
This application note describes the characteristics
13-Jan-2011
AN4599 STMICROELECTRONICS-AN4599 Datasheet
906Kb / 26P
This application note describes the features
03-Feb-2015
AN1325 STMICROELECTRONICS-AN1325 Datasheet
233Kb / 15P
This application note describes
AN1471 STMICROELECTRONICS-AN1471 Datasheet
79Kb / 4P
This application note describes
09-Oct-2009
AN1577 STMICROELECTRONICS-AN1577 Datasheet
149Kb / 30P
This application note presents the implementation
AN1603 STMICROELECTRONICS-AN1603 Datasheet
100Kb / 21P
This Application Note describes
AN1772 STMICROELECTRONICS-AN1772 Datasheet
80Kb / 8P
This Application Note describes the problems
27-Nov-2003
AN2970 STMICROELECTRONICS-AN2970 Datasheet
378Kb / 11P
This application note describes the ProxSense
12-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com