Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4009 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4009
Description  The STEVAL-IFP019V1 demonstration board has been developed
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4009 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4009 Datasheet HTML 9Page - STMicroelectronics AN4009 Datasheet HTML 10Page - STMicroelectronics AN4009 Datasheet HTML 11Page - STMicroelectronics AN4009 Datasheet HTML 12Page - STMicroelectronics AN4009 Datasheet HTML 13Page - STMicroelectronics AN4009 Datasheet HTML 14Page - STMicroelectronics AN4009 Datasheet HTML 15Page - STMicroelectronics AN4009 Datasheet HTML 16Page - STMicroelectronics AN4009 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
AN4009
STEVAL-IFP019V1 demonstration board description
Doc ID 022458 Rev 1
13/23
Figure 13.
Burst timing waveform
Table 3 shows the results of an inherent burst test. Normal performance has been observed
when applying four different disturbance levels on the output ports and Vcc main voltage
power supply.
Note:
1
Outputs floating.
2
To reach same results reported in the tables above, it is necessary to replace C7 and C8
with two high voltage capacitors.
Note:
Outputs loaded by 1 k
Ω resistors.
Table 3.
Application EFT (burst) robustness, applied to supply voltage lines
Configuration
EFT test signal amplitude, test result @ polarity (+/-)
1 kV
2 kV
3 kV
4 kV
5 kV
Standard
A / A
A / A
A / A
B / B
B / B
Primary and secondary GNDs
shorted
A / A
A / A
B / A
B / B
B / B
Table 4.
Application EFT (burst) robustness, applied to output lines
Configuration
EFT test signal amplitude, test result @ polarity (+/-)
1 kV
2 kV
3 kV
4 kV
5 kV
Standard
A / A
A / A
B / B
B / B
B / B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com