Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4069 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4069
Description  This demonstration board is based on the STEF05 and STEF12 electronic fuses
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4069 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4069 Datasheet HTML 8Page - STMicroelectronics AN4069 Datasheet HTML 9Page - STMicroelectronics AN4069 Datasheet HTML 10Page - STMicroelectronics AN4069 Datasheet HTML 11Page - STMicroelectronics AN4069 Datasheet HTML 12Page - STMicroelectronics AN4069 Datasheet HTML 13Page - STMicroelectronics AN4069 Datasheet HTML 14Page - STMicroelectronics AN4069 Datasheet HTML 15Page - STMicroelectronics AN4069 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AN4069
Demonstration board schematic and BOM list
Doc ID 022926 Rev 1
13/16
Note:
The Q1 transistor is connected only to the ENABLE pin of the STEF05 device. Simultaneous
control of both the devices can be achieved by putting a jumper on pins 2-3 of CN4.
C3,C4
10 µF/25 V, ceramic X7R, 1210
muRata
GRM32DR71E106KA12L
KEMET
C1210C106K3RAC7800
C5,C6
47 µF/25 V, ceramic X7R, 1210
C1,C2
Not mounted, 0603
R1
, R2
22
Ω, 0603
Q1
MOSFET, SOT23-5L
STMicroelectronics
2N7002
Cnx
Connectors, strip line 90
°
Table 1.
BOM (continued)
Reference
Part/value
Manufacturer
Manufacturer code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com