Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KDZ2.2EV Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDZ2.2EV
Description  ZENER DIODE SILICON EPITAXIAL PLANAR DIODE(CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDZ2.2EV Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDZ2.2EV Datasheet HTML 1Page - KEC(Korea Electronics) KDZ2.2EV Datasheet HTML 2Page - KEC(Korea Electronics) KDZ2.2EV Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2001. 2. 5
1/3
SEMICONDUCTOR
TECHNICAL DATA
KDZ2.0EV~24EV
Revision No : 1
CONSTANT VOLTAGE REGULATION APPLICATION.
REFERENCE VOLTAGE APPLICATION.
FEATURES
Small Package : ESC
Nominal Voltage Tolerance About
6%.
MAXIMUM RATING (Ta=25 )
ESC
DIM
MILLIMETERS
A
B
C
D
E
1.60 0.10
1.20 0.10
0.80 0.10
0.30 0.05
0.60 0.10
D
C
1
2
E
1. ANODE
2. CATHODE
F
0.13 0.05
F
+_
+_
+_
+_
+_
+_
ZENER DIODE
SILICON EPITAXIAL PLANAR DIODE
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Dissipation
PD *
150
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
Example 1) 2.0V ~ 2.7V
Example : KDZ3.0EV
Example 2) 3.0V ~ 9.1V
Example 3) 10V ~ 24V
Example : KDZ10EV
2
KDZ2.0EV
2A
KDZ2.2EV
2B
KDZ2.4EV
2C
KDZ2.7EV
2D
30
10


Similar Part No. - KDZ2.2EV

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDZ2.2EV KEC-KDZ2.2EV Datasheet
477Kb / 4P
SILICON EPITAXIAL PLANAR DIODE
KDZ2.2EV KEC-KDZ2.2EV Datasheet
558Kb / 4P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ2.2EV KEC-KDZ2.2EV Datasheet
557Kb / 4P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - KDZ2.2EV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
02CZ2 TOSHIBA-02CZ2 Datasheet
413Kb / 7P
DIODE (CONSTANT VOLTAGE REGULATION APPLICATIONS. REFERENCE VOLTAGE APPLICATIONS.)
1AZ330 TOSHIBA-1AZ330 Datasheet
181Kb / 3P
ZENER DIODE ( CONSTANT VOLTAGE REGULATION)
1Z390 TOSHIBA-1Z390 Datasheet
218Kb / 4P
DIODE (CONSTANT VOLTAGE REGULATION)
02-Dec-1996
1ZB6 TOSHIBA-1ZB6 Datasheet
207Kb / 4P
DIODE (CONSTANT VOLTAGE REGULATION)
02-Dec-1996
1ZC12 TOSHIBA-1ZC12 Datasheet
134Kb / 3P
DIODE (CONSTANT VOLTAGE REGULATION)
23-Jun-1999
1ZC12A TOSHIBA-1ZC12A Datasheet
150Kb / 3P
DIODE (CONSTANT VOLTAGE REGULATION)
02-Dec-1996
logo
KEC(Korea Electronics)
Z02W20V KEC-Z02W20V Datasheet
236Kb / 4P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE (CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE)
KDZ93V KEC-KDZ93V Datasheet
27Kb / 1P
ZENER DIODE CONSTANT VOLTAGE REGULATION APPLICATION
KDZ70V KEC-KDZ70V Datasheet
27Kb / 1P
SILICON EPITAXIAL PLANAR DIODE CONSTANT VOLTAGE REGULATION APPLICATION
logo
Rohm
DTZ-SERIES ROHM-DTZ-SERIES Datasheet
487Kb / 9P
ZENER DIODE Voltage Regulation
Mar,6/95
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com