Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4154 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4154
Description  Power supply for energy meter and power line modem
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4154 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4154 Datasheet HTML 5Page - STMicroelectronics AN4154 Datasheet HTML 6Page - STMicroelectronics AN4154 Datasheet HTML 7Page - STMicroelectronics AN4154 Datasheet HTML 8Page - STMicroelectronics AN4154 Datasheet HTML 9Page - STMicroelectronics AN4154 Datasheet HTML 10Page - STMicroelectronics AN4154 Datasheet HTML 11Page - STMicroelectronics AN4154 Datasheet HTML 12Page - STMicroelectronics AN4154 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AN4154
Test results at maximum load
Doc ID 023578 Rev 2
9/21
4
Test results at maximum load
Table 4.
Prototype test results
Vin (V)
Specified Vo (V)
Measured Vo (V)
Measured Io (A)
Po (W)
90
5V_Iso
4.98
0.107
0.53
12 V
12.29
0.15
1.84
4.2 V
4.205
0.892
3.75
3.3 V
3.3
0.109
0.36
Total output power
6.49
150
5V_Iso
4.98
0.106
12 V
12.11
0.15
4.2 V
4.227
0.896
3.3 V
3.29
0.108
Total output power
6.49
230
5V_Iso
4.98
0.106
12 V
12.02
0.15
4.2 V
4.236
0.9
3.3 V
3.3
0.108
Total output power
6.50
265
5V_Iso
5
0.108
12 V
12.01
0.15
4.2 V
4.235
0.9
3.3 V
3.3
0.108
Total output power
6.51
300
5V_Iso
4.99
0.1
12 V
12
0.15
4.2 V
4.23
0.9
3.3 V
3.3
0.11
Total output power
6.47
450
5V_Iso
4.8
0.11
12 V
10.8
0.15
4.2 V
3.76
0.786
3.3 V
3.3
0.1
Total output power
5.43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com