Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4164 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4164
Description  This document describes a 12 V-350 mA power supply set in non-isolated flyback topology
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4164 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4164 Datasheet HTML 24Page - STMicroelectronics AN4164 Datasheet HTML 25Page - STMicroelectronics AN4164 Datasheet HTML 26Page - STMicroelectronics AN4164 Datasheet HTML 27Page - STMicroelectronics AN4164 Datasheet HTML 28Page - STMicroelectronics AN4164 Datasheet HTML 29Page - STMicroelectronics AN4164 Datasheet HTML 30Page - STMicroelectronics AN4164 Datasheet HTML 31Page - STMicroelectronics AN4164 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
Thermal measurements
AN4164
28/38
Doc ID 023660 Rev 1
Figure 44.
Thermal measurement at VIN = 115 VAC, Iout = 310 mA, IC self biased
Figure 45.
Thermal measurement at VIN = 230 VAC, full load, IC self biased
Figure 46.
Thermal measurement at VIN = 265 VAC, full load, IC self biased
AM13348v1
AM13349v1
AM13350v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com