Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4165 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4165
Description  This document describes a 12 V - 1 A power supply set in non-isolated flyback topology
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4165 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4165 Datasheet HTML 17Page - STMicroelectronics AN4165 Datasheet HTML 18Page - STMicroelectronics AN4165 Datasheet HTML 19Page - STMicroelectronics AN4165 Datasheet HTML 20Page - STMicroelectronics AN4165 Datasheet HTML 21Page - STMicroelectronics AN4165 Datasheet HTML 22Page - STMicroelectronics AN4165 Datasheet HTML 23Page - STMicroelectronics AN4165 Datasheet HTML 24Page - STMicroelectronics AN4165 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
AN4165
Functional check
Doc ID 023661 Rev 1
21/37
10
Functional check
10.1
Soft-start
At startup the current limitation value reaches IDLIM after an internally set time, tSS, whose
typical value is 8.5 msec. This time is divided into 16 time intervals, each corresponding to a
current limitation step progressively increasing. In this way the drain current is limited during
the output voltage increase, therefore reducing the stress on the secondary diode. The soft-
start phase is shown in
Figure 24 and 25.
10.2
Overload protection
In case of overload or short-circuit (see
Figure 26), the drain current reaches the IDLIM
value (or the one set by the user through the RLIM resistor). Every cycle that this condition
is met, a counter is incremented. If the fault is maintained continuously for the time tOVL
(50 msec typical, set internally), the overload protection is tripped, the power section is
turned off and the converter is disabled for a tRESTART time (1 s typical). After this time has
elapsed, the IC resumes switching and, if the short is still present, the protection occurs
indefinitely in the same way (
Figure 27). This ensures restart attempts of the converter with
low repetition rate, so that it works safely with extremely low power throughput and avoids
overheating of the IC in case of repeated overload events.
Moreover, every time the protection is tripped, the internal soft-start function (
Figure 25) is
implemented, in order to reduce the stress on the secondary diode.
After the short removal, the IC resumes working normally. If the short is removed during tSS
or tOVL, i.e. before the protection is tripped, the counter is decremented on a cycle-by-cycle
basis down to zero and the protection is not tripped.
If the short-circuit is removed during tRESTART, the IC waits for the tRESTART period to elapse
before resuming switching (
Figure 29).
Figure 24.
Soft-start at startup
Figure 25.
Soft-start at startup (zoom)
AM13379v1
AM13380v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com