Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4214 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN4214
Description  High power factor flyback converter using the L6564
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4214 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN4214 Datasheet HTML 27Page - STMicroelectronics AN4214 Datasheet HTML 28Page - STMicroelectronics AN4214 Datasheet HTML 29Page - STMicroelectronics AN4214 Datasheet HTML 30Page - STMicroelectronics AN4214 Datasheet HTML 31Page - STMicroelectronics AN4214 Datasheet HTML 32Page - STMicroelectronics AN4214 Datasheet HTML 33Page - STMicroelectronics AN4214 Datasheet HTML 34Page - STMicroelectronics AN4214 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
DocID023991 Rev 1
31/37
AN4214
Bill of material
37
11
Bill of material
Table 5. Bill of material
Sr. no.
Part
reference
Part description
Qty.
Package
Manufacturer
1
R2, R8, R7,
R11, R14
Resistor 1 M
5
SMD 1206
2
R4, R8
Resistor 220 K
2
SMD 1206
3
R3
Resistor CFR, 47
/0.5 W
1
TH
4
R5
Resistor 100 K
/2 W
1
TH, axial
5
R13
Resistor 47
1
SMD 0805
6
R21
Resistor 1 M
1
SMD 0805
7
R31
Resistor 240
1
SMD 0805
8
R25, R17
Resistor 0
2
SMD 0805
9
R28
Resistor 100
1
SMD 0805
10
R22
Resistor 19 K
1
SMD 0805
11
R16
Resistor 47 K
1
SMD 0805
12
R29
Resistor 10 K
1
SMD 0805
13
R33, R34
Resistor 0.47
2
SMD 1206/TH
14
R18
Resistor 15 K
, 1%
1
SMD 0805
15
R12
Resistor 68 K
1
SMD 0805
16
R26
Resistor 2.2 K
1
SMD 0805
17
R19
Resistor 5.6 K
1
SMD 0805
18
R9, R10
Resistor 0.14
, 1%
2
SMD 1206
19
R24
Resistor 1 K
1
SMD 0805
20
R27
Resistor 22 K
1
SMD 0805
21
R30
Resistor 15
1
SMD 0805
22
R36
Resistor 18 K
1
SMD 0805
23
R32
Resistor 120 K
, 1%
1
SMD 0805
24
R35
Resistor 8.2 K
, 1%
1
SMD 0805
25
R37
Resistor 4.3 K
, 1%
1
SMD 0805
26
R1
Resistor, DNL
1
SMD 0805
27
R15
Resistor, DNL
1
SMD 0805
28
R23
Resistor, DNL
1
SMD 0805
29
C6
Capacitor X2 type, 220 nF/275 Vac
1
TH
30
C3
Capacitor X2 type, 100 nF/275 Vac
1
TH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com