Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4217 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4217
Description  Designing the SPV1020 with serial and parallel output configurations
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4217 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4217 Datasheet HTML 9Page - STMicroelectronics AN4217 Datasheet HTML 10Page - STMicroelectronics AN4217 Datasheet HTML 11Page - STMicroelectronics AN4217 Datasheet HTML 12Page - STMicroelectronics AN4217 Datasheet HTML 13Page - STMicroelectronics AN4217 Datasheet HTML 14Page - STMicroelectronics AN4217 Datasheet HTML 15Page - STMicroelectronics AN4217 Datasheet HTML 16Page - STMicroelectronics AN4217 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
AN4217
BOM
Doc ID 024010 Rev 1
13/22
4
BOM
The STEVAL-ISV008V1 and STEVAL-ISV018V1 differ mainly in their output configurations
(defined by R22 and R23 for STEVAL-ISV008V1 and by R24, R25, R26 and R27 for
STEVAL-ISV018V1). The SPI connector J46 is available only on STEVAL-ISV008V1.
The following table shows the list of external components configuring the STEVAL-
ISV0x8V1; last column highlights the difference between STEVAL-ISV008V1 and STEVAL-
ISV018V1.
The application boards have been designed for PV strings providing VOC = 15 V, ISC =9 A,
output voltage of each SPV1020 VOUT_MAX = 36 V and FSW = 100 KHz.
Table 2.
STEVAL-ISV008V1 and STEVAL-ISV018V1 component list
Component
Name
Value
Supplier
Part number
Notes:
[STEVAL-
ISV008V1
vs.
STEVAL-
ISV018V1]
C1, C2,C3,C4,
C16, C17, C18,
C21,
C24, C25,C26, C29
Bootstrap
capacitors
100 nF
MURATA
EPCOS
GRM188R71C104KA01
C1608X7R1H104K
C11, C37, C39
Input supply pin
capacitor
1 µF
MURATA
EPCOS
GRM31MR71H105KA8
8
C3216X7R1H105K\
C5, C36, C38
Input capacitor
4.7 uF
MURATA
EPCOS
GRM32ER71H475KA88
K
C3225X7R1H475K
C9, C14, C22
Voltage sensing
capacitor
220 pF
MURATA
EPCOS
GRM188R71E221KA01
C1608C0G1H221J
C8, C19, C27
Compensation
capacitor
22 nF
MURATA
EPCOS
GRM188R71C223KA01
C1608X7R1H223K
C10, C15, C23
Voltage sensing
capacitor
220 pF
MURATA
EPCOS
GRM188R71E221KA01
C1608C0G1H221J
C7, C20, C28
Internal
reference
voltage
capacitor
470 nF
MURATA
EPCOS
GRM188R71A474KA61
C1608X7R1C474K
C6, C12, C13, C40,
C41, C42
C30, C31, C32,
C43, C44, C48
C33, C34, C35,
C45, C46, C47
Output capacitor
4.7 uF
MURATA
EPCOS
GRM32ER71H475KA88
K
C3225X7R1H475K
D3, D9, D11
Noise filter on
supply pin
STPS160U
ST
STPS160U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com