Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4241 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4241
Description  The L6470 and L6472 are fully integrated motor drivers providing
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4241 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4241 Datasheet HTML 10Page - STMicroelectronics AN4241 Datasheet HTML 11Page - STMicroelectronics AN4241 Datasheet HTML 12Page - STMicroelectronics AN4241 Datasheet HTML 13Page - STMicroelectronics AN4241 Datasheet HTML 14Page - STMicroelectronics AN4241 Datasheet HTML 15Page - STMicroelectronics AN4241 Datasheet HTML 16Page - STMicroelectronics AN4241 Datasheet HTML 17Page - STMicroelectronics AN4241 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Stall detection
AN4241
14/18
Doc ID 024193 Rev 1
4
Stall detection
The L6470 also includes a sensorless stall detection system. This feature allows the device
to detect the stall condition of the motor measuring the increase of phase current caused by
the sudden cancellation of the back electromotive force.
The voltage mode control applies a sinusoidal voltage to the motor phases obtaining a
sinusoidal current. The amplitude of the voltage sinewave increases according to the speed
in order to compensate the back electromotive force effect and keep the amplitude of the
phase current constant. If the motor stalls (i.e. stops its rotation) the back electromotive
force becomes null, but the voltage applied to the phase is still increased to face its effect. In
this condition the phase current results higher than the nominal one and the stall condition
can be easily detected.
The stall detection threshold must be set above the nominal peak current.
Figure 9.
Stall detection threshold
Stall threshold
Stall threshold
Normal conditionsStall conditions
Iph
Iph
AM16595v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com