Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0677 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0677
Description  High-efficiency switching LED driver for high-current LEDs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0677 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0677 Datasheet HTML 8Page - STMicroelectronics UM0677 Datasheet HTML 9Page - STMicroelectronics UM0677 Datasheet HTML 10Page - STMicroelectronics UM0677 Datasheet HTML 11Page - STMicroelectronics UM0677 Datasheet HTML 12Page - STMicroelectronics UM0677 Datasheet HTML 13Page - STMicroelectronics UM0677 Datasheet HTML 14Page - STMicroelectronics UM0677 Datasheet HTML 15Page - STMicroelectronics UM0677 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
UM0677
Bill of material
Doc ID 15396 Rev 2
13/16
4
Bill of material
Table 3.
Bill of material
Designator
Comment
Description
Footprint
Value
C1
Cap. pol.
Polarized capacitor (tantalum)
SMD D
22 µF / 25 V
C2
Cap.
Ceramic capacitor
0805
470 pF
C3
Cap.
Ceramic capacitor
0805
100 nF
C4
Cap. pol.
Polarized capacitor (tantalum)
SMD A
10 µF / 10 V
C5
Cap.
Ceramic capacitor
0805
100 nF
C6
Cap.
Ceramic capacitor
0805
100 nF
C7
Cap.
Ceramic capacitor
0805
100 nF
C8
Cap.
Ceramic capacitor
1812
4.7 µF / 25 V
C9
Cap. pol.
Polarized capacitor (tantalum)
SMD D
22 µF / 20 V
CN1
Connector
Low voltage DC power connector
Dia. 2.1 mm
D1
VREF
Voltage reference 1.225 0.5%
SOT23-3
TS821B
D2
Diode
Diode SMD
MINI-MELF
1N4148
D3
Sch. diode
Schottky diode 1 A, 30 V
SMA_A
STPS1L30A
L1
Inductor
High current inductor
13.2 x 12.8 mm
9.2 µH
OUT
Header 6
Header, 6-pin, 90° female
1 X 6 2.54 mm
1 x 6 pin
P1
Header 3
Header, 3-pin, male
1 x 3 2.54 mm
1 x 3 pin
PWM
Header 3
Header, 3-pin, 90° male
1 x 3 2.54 mm
1 x 3 pin
Q1
MOSFET
Dual N-channel MOSFET 30 V, 10 A
SO-8
STS8DN3LLH5
R1
Res.
Resistor SMD 1%
0805
62 k
Ω
R2
Res.
Resistor SMD
0805
1 k
Ω
R3
Res.
Resistor SMD 1%
0805
4.7 k
Ω
R4
Res.
Resistor SMD
0805
4.7 k
Ω
R5
Res.
Resistor SMD 1%
0805
6.8 k
Ω
R6
Res.
Resistor SMD
0805
10
Ω
R7
Res.
Resistor SMD
0805
2.2
Ω
R8
Res.
Resistor SMD
0805
2.2
Ω
R9
Res.
Resistor SMD 1%
1210
0.56
Ω
R10
Res.
Resistor SMD 1%
1210
0.56
Ω
R14
Res.
Resistor SMD 1%
1210
0.56
Ω
R15
Res.
Resistor SMD 1%
1210
0.3
Ω
R16
Res.
Resistor SMD 1%
1210
0.3
Ω
U1
Vreg.
Positive voltage regulator 6 V 5%
SOT-89
L78L06AC
U2
PWM cont.
Single-phase PWM controller
SO-8
L6726A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com