Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0920 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM0920
Description  The purpose of this document is to provide information
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0920 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM0920 Datasheet HTML 6Page - STMicroelectronics UM0920 Datasheet HTML 7Page - STMicroelectronics UM0920 Datasheet HTML 8Page - STMicroelectronics UM0920 Datasheet HTML 9Page - STMicroelectronics UM0920 Datasheet HTML 10Page - STMicroelectronics UM0920 Datasheet HTML 11Page - STMicroelectronics UM0920 Datasheet HTML 12Page - STMicroelectronics UM0920 Datasheet HTML 13Page - STMicroelectronics UM0920 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
UM0920
Measurements
Doc ID 17220 Rev 2
11/14
4
Measurements
The basic measurements for efficiency, load characteristics and conductive EMI are shown
in Figure 5, Figure 6, Figure 7 and Figure 8.
Figure 5.
Efficiency at 120 VAC and 230 VAC
Figure 6.
Load characteristics of 12 V output at 120 VAC and 230 VAC
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
90.00
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
POUT (W)
Standby at 120 VAC: 20 mW
AM00898
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
90.00
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
POUT (W)
Standby at 230 VAC: 35 mW
10
11
12
13
14
15
16
0
20
40
60
80
100
120
140
160
180
IOUT (mA)
5 V / 50 mA
AM00899
10
11
12
13
14
15
16
0
20406080
100
120
140
160
180
IOUT (mA)
5 V / 50 mA
5 V / 100 mA
5 V / 200 mA
5 V / 400 mA
5 V / 100 mA
5 V / 200 mA
5 V / 400 mA
120 VAC
230 VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com