Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1310 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1310
Description  1.5A Boost DC/DC Converter with Phase-Locked Loop
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1310 Datasheet(HTML) 2 Page - Linear Technology

  LT1310_15 Datasheet HTML 1Page - Linear Technology LT1310_15 Datasheet HTML 2Page - Linear Technology LT1310_15 Datasheet HTML 3Page - Linear Technology LT1310_15 Datasheet HTML 4Page - Linear Technology LT1310_15 Datasheet HTML 5Page - Linear Technology LT1310_15 Datasheet HTML 6Page - Linear Technology LT1310_15 Datasheet HTML 7Page - Linear Technology LT1310_15 Datasheet HTML 8Page - Linear Technology LT1310_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1310
sn1310 1310fs
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Undervoltage Lockout
2.8
V
Maximum Input Voltage
18
V
Feedback Voltage
1.242
1.255
1.268
V
q
1.236
1.268
V
FB Pin Bias Current
60
150
nA
Reference Line Regulation
VIN = 2.9V to 18V
0.01
0.05
%/V
Error Amplifier Transconductance
∆I = 5µA
350
µA/V
Error Amplifier Voltage Gain
200
V/V
SW Current Limit
1.5
2.1
2.8
A
SW Saturation Voltage
ISW = 1A
0.240
0.320
V
SW Maximum Duty Cycle
CT = 220pF
80
84
%
CT = 47pF
78
83
%
SW Minimum On Time
ISW = 150mA, VC = 0.25V
70
ns
VCO Frequency
CT = 220pF, PLL-LPF = High
0.950
1.10
1.25
MHz
CT = 220pF, PLL-LPF = High
q
0.800
1.30
MHz
CT = 220pF, PLL-LPF = Low
500
630
kHz
CT = 47pF, PLL-LPF = High
3.3
MHz
Frequency Foldback
CT = 220pF, PLL-LPF = High, FB = 0V
200
kHz
PLL Lock Range
CT = 220pF, Maximum
0.950
1.10
1.25
MHz
CT = 220pF, Minimum (Percent Change from Max)
–40
–50
%
Supply Current
SHDN = High
11.5
15
mA
SHDN = Low
1
µA
SW Leakage Current
Switch Off, SW = 3.3V
0.1
5
µA
SHDN Pin Bias Current
VSHDN = 2.4V
35
65
µA
SHDN Pin High
Active Mode
2.4
V
SHDN Pin Low
Shutdown Mode
0.4
V
(Note 1)
SW Voltage .............................................................. 36V
VIN Voltage ............................................................. 18V
SHDN Voltage ......................................................... 18V
SYNC Voltage ........................................................... 5V
FB Voltage ................................................................. 5V
CT Voltage ................................................................. 5V
VC Voltage ................................................................. 2V
PLL-LPF Pin Current ............................................... 1mA
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
LT1310EMSE
TJMAX = 125°C, θJA = 40°C/W
EXPOSED PAD IS GROUND
(MUST BE SOLDERED TO PCB)
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V, VSHDN = 3.3V, unless otherwise noted. (Note 2)
1
2
3
4
5
FB
SHDN
PLL-LPF
SYNC
GND
10
9
8
7
6
VC
CT
VIN
SW
SW
TOP VIEW
MSE EXPOSED PAD PACKAGE
10-LEAD PLASTIC MSOP
MSE PART MARKING
LTRZ
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT1310E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, chacterization and correlation
with statistical process controls.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com