Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1328 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1328
Description  4Mbps IrDA Infrared Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1328 Datasheet(HTML) 2 Page - Linear Technology

  LT1328_15 Datasheet HTML 1Page - Linear Technology LT1328_15 Datasheet HTML 2Page - Linear Technology LT1328_15 Datasheet HTML 3Page - Linear Technology LT1328_15 Datasheet HTML 4Page - Linear Technology LT1328_15 Datasheet HTML 5Page - Linear Technology LT1328_15 Datasheet HTML 6Page - Linear Technology LT1328_15 Datasheet HTML 7Page - Linear Technology LT1328_15 Datasheet HTML 8Page - Linear Technology LT1328_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1328
ABSOLUTE MAXIMUM RATINGS
Maximum Junction Temperature ......................... 150
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
Total Supply Voltage (VCC to GND) ........................... 6V
Differential Voltage (Any Two Pins) .......................... 6V
Operating Temperature Range .................... 0
°C to 70°C
Specified Temperature Range ..................... 0
°C to 70°C
ELECTRICAL CHARACTERISTICS V
CC = 5V, VGND = 0V, VMODE = 2V unless otherwise specified. (Note 1)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ITH(MIN)
Minimum Input Current Pulse
Current Out of Pin 1 (SIR), Pulse Width 1.6
µs,
200
nA
Period 8.7
µs
Current Out of Pin 1 (FIR, 4ppm), Pulse Width 125ns,
600
nA
Period 500ns
IPD
Maximum Input Current
Current Out of Pin 1
q
15
30
mA
IREJECT
Maximum Low Frequency
DC to 120Hz, Current Out of Pin 1
1000
µA
Input Current
IS
Supply Current
No Input Signal
q
23
mA
VS
Operating Supply Voltage
q
4.5
5.5
V
VIN
Bias Voltage on Pin 1
No Input Signal
q
1.0
1.5
2.0
V
VBIAS
Bias Voltage on Pin 8
No Input Signal
q
1.0
1.5
2.0
V
VLT
Quiescent Voltage on Pin 2
No Input Signal
q
1.0
1.5
2.0
V
VTHL
Switch Logic Level Low Pin 7
q
0.8
V
VTHH
Switch Logic Level High Pin 7
q
2.0
V
VOL
Comparator Output Low
Voltage On Pin 5, 800
µA Sink Current
q
0.4
0.5
V
VOH
Comparator Output High
Voltage On Pin 5, 50
µA Source Current
q
4.0
4.3
V
PACKAGE/ORDER INFORMATION
S8 PART MARKING
MS8 PART MARKING
ORDER PART
NUMBER
LT1328CMS8
LTBG
ORDER PART
NUMBER
LT1328CS8
1328
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
IN
FILTER
GND
VBIAS
MODE
VCC
DATA
FILTER
SWITCH
TJMAX = 150°C, θJA = 190°C/ W
1
2
3
4
IN
FILTER
FILTER SWITCH
GND
8
7
6
5
VBIAS
MODE
VCC
DATA
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 250°C/ W
Consult factory for Industrial and Military grade parts.
The q denotes specifications which apply over the full operating tempera-
ture range of 0
°C ≤ TA ≤ 70°C.
Note 1: MS8 package devices are designed for and intended to meet
commercial temperature range specifications but are not tested at 0
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com