Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1331 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1331
Description  3V RS562 or 5V/3V RS232 Transceiver with One Receiver Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1331 Datasheet(HTML) 2 Page - Linear Technology

  LT1331_15 Datasheet HTML 1Page - Linear Technology LT1331_15 Datasheet HTML 2Page - Linear Technology LT1331_15 Datasheet HTML 3Page - Linear Technology LT1331_15 Datasheet HTML 4Page - Linear Technology LT1331_15 Datasheet HTML 5Page - Linear Technology LT1331_15 Datasheet HTML 6Page - Linear Technology LT1331_15 Datasheet HTML 7Page - Linear Technology LT1331_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LT1331
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
LT1331CG
LT1331CNW
LT1331CSW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
V+
5V/3V VCC
C1+
C1
DRIVER 1 OUT
RX1 IN
DRIVER 2 OUT
RX2 IN
RX3 IN
RX4 IN
DRIVER 3 OUT
ON/OFF
3.3V VL
28
27
26
25
24
23
22
21
20
19
18
17
16
15
V
C2
C2+
DRIVER 1 IN
RX1 OUT
DRIVER 2 IN
RX2 OUT
RX3 OUT
RX4 OUT
DRIVER 3 IN
GND
NC
NW PACKAGE
28-LEAD PDIP
TOP VIEW
SW PACKAGE
28-LEAD PLASTIC SO
G PACKAGE
28-LEAD SSOP
RX5 IN
(LOW-Q)
RX5 OUT
(LOW-Q)
DRIVER
DISABLE
Consult factory for Industrial and Military grade parts.
TJMAX = 125°C, θJA = 96°C/ W (G)
TJMAX = 125°C, θJA = 56°C/ W (NW)
TJMAX = 125°C, θJA = 85°C/ W (SW)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Generator
V+ Output
VCC = 5V
8.6
V
VCC = 3.3V
5.5
V
VOutput
VCC = 5V
– 7.0
V
VCC = 3.3V
– 4.8
V
Supply Current (VCC)VCC = 5V (Note 3)
q
12
17
mA
VCC = 3.3V
q
12
17
mA
Supply Current (VL)
(Note 4)
q
35
mA
Supply Current When OFF (VCC)
Shutdown (Note 5)
q
250
µA
Driver Disable
0.1
1
mA
Supply Current When OFF (VL)
Shutdown (Note 5)
q
60
100
µA
Driver Disable
3
5
mA
Supply Rise Time, Shutdown to Turn-On
C1 = C2 = 0.2
µF, C+ = C= 0.1µF
0.2
ms
ON/OFF Pin Thresholds
Input Low Level (Device Shut Down)
q
1.4
0.8
V
Input High Level (Device Enabled)
q
2.4
1.4
V
ON/OFF Pin Current
0V
≤ VON/OFF ≤ 5V
q
–15
80
µA
DRIVER DISABLE Pin Thresholds
Input Low Level (Drivers Enabled)
q
1.4
0.8
V
Input High Level (Drivers Disabled)
q
2.4
1.4
V
DRIVER DISABLE Pin Current
0V
≤ VDRIVER DISABLE ≤ 5V
q
–10
500
µA
Oscillator Frequency
130
kHz
ELECTRICAL C
C
HARA TERISTICS (Note 2)
(Note 1)
Supply Voltage (VCC) ................................................ 6V
Supply Voltage (VL) .................................................. 6V
V+ ........................................................................ 13.2V
V...................................................................... –13.2V
Input Voltage
Driver ........................................................... V+ to V
Receiver ................................................ 30V to – 30V
ON/OFF ...................................... – 0.3V to VCC + 0.3V
DRIVER DISABLE ...................... – 0.3V to VCC + 0.3V
Output Voltage
Driver ................................................... – 30V to 30V
Receiver ...................................... – 0.3V to VL + 0.3V
Short Circuit Duration
V+ ................................................................... 30 sec
V................................................................... 30 sec
Driver Output .............................................. Indefinite
Receiver Output .......................................... Indefinite
Operating Temperature Range .................... 0
°C to 70°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com