Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1342 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1342
Description  5V RS232 Transceiver with 3V Logic Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1342 Datasheet(HTML) 1 Page - Linear Technology

  LT1342 Datasheet HTML 1Page - Linear Technology LT1342 Datasheet HTML 2Page - Linear Technology LT1342 Datasheet HTML 3Page - Linear Technology LT1342 Datasheet HTML 4Page - Linear Technology LT1342 Datasheet HTML 5Page - Linear Technology LT1342 Datasheet HTML 6Page - Linear Technology LT1342 Datasheet HTML 7Page - Linear Technology LT1342 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT1342
5V RS232 Transceiver with
3V Logic Interface
S
FEATURE
The LT
®1342 is an advanced low power three-driver, five-
receiver RS232 transceiver. The LT1342 operates from a
5V supply and a 3V logic supply. Receiver outputs can
interface directly to 3V logic circuits. Included on the chip
is a shutdown pin for reducing supply current to near zero.
All receivers and drivers assume high impedance states
during shutdown.
The driver disable function provides additional control of
operating mode. When driver disable is high the charge
pump and drivers turn off. Receivers continue to operate
during driver disable.
New ESD structures on the chip allow the LT1342 to
survive multiple
±10kV strikes, eliminating the need for
costly TransZorbs
® on the RS232 line pins.
The LT1342 is fully compliant with all EIA RS232 specifi-
cations and operates in excess of 120kbaud even driving
heavy capacitive loads.
s
ESD Protection Over
±10kV
s
3V Logic Interface
s
Uses Small Capacitors: 0.1
µF, 0.2µF
s
1
µA Supply Current in Shutdown
s
Low Power Driver Disable Operating Mode
s
Pin Compatible with LT1137A
s
120kBaud Operation for RL = 3k, CL = 2500pF
s
250kBaud Operation for RL = 3k, CL = 1000pF
s
CMOS Comparable Low Power: 60mW
s
Operates from a 5V Supply and 3V Logic Supply
s
Easy PC Layout: Flowthrough Architecture
s
Rugged Bipolar Design
s
Outputs Assume a High Impedance State When
Off or Powered Down
s
Absolutely No Latchup
DESCRIPTIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
TransZorb is a registered trademark of General Instruments, GSI.
s
Notebook Computers
s
Palmtop Computers
S
APPLICATI
Output Waveforms
R
LT1342 • TA02
APPLICATI
TYPICAL
RECEIVER
OUTPUT
VL = 3V
CL = 50pF
DRIVER
OUTPUT
RL = 3k
CL = 2500pF
INPUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
5V VCC
DRIVER 1 OUT
RX1 IN
DRIVER 2 OUT
RX2 IN
RX3 IN
RX4 IN
DRIVER 3 OUT
RX5 IN
ON/OFF
3V VL
DRIVER 1 IN
RX1 OUT
DRIVER 2 IN
RX2 OUT
RX3 OUT
RX4 OUT
DRIVER 3 IN
RX5 OUT
V+
0.1
µF
2
× 0.1µF
2
× 0.1µF
0.1
µF
GND
DRIVER DISABLE
TO LINE
TO 3V LOGIC
V –
LT1342 • TA01
LT1342
NC


Similar Part No. - LT1342

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1342 LINER-LT1342 Datasheet
245Kb / 8P
5V RS232 Transceiver with 3V Logic Interface
LT1342CG LINER-LT1342CG Datasheet
245Kb / 8P
5V RS232 Transceiver with 3V Logic Interface
LT1342CNW LINER-LT1342CNW Datasheet
245Kb / 8P
5V RS232 Transceiver with 3V Logic Interface
LT1342CSW LINER-LT1342CSW Datasheet
245Kb / 8P
5V RS232 Transceiver with 3V Logic Interface
More results

Similar Description - LT1342

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1330 LINER-LT1330 Datasheet
248Kb / 8P
5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown
LT1331 LINER-LT1331 Datasheet
245Kb / 8P
3V RS562 or 5V/3V RS232 Transceiver with One Receiver Active in Shutdown
LT1342 LINER-LT1342 Datasheet
245Kb / 8P
5V RS232 Transceiver with 3V Logic Interface
LTC1382 LINER-LTC1382 Datasheet
211Kb / 8P
5V Low Power RS232 Transceiver with Shutdown
LTC1383 LINER-LTC1383 Datasheet
212Kb / 8P
5V Low Power RS232 Transceiver
LTC1382 LINER-LTC1382_1 Datasheet
114Kb / 8P
5V Low Power RS232 Transceiver with Shutdown
LT1331 LINER-LT1331_15 Datasheet
229Kb / 8P
3V RS562 or 5V/3V RS232 Transceiver with One Receiver Active in Shutdown
LTC1382 LINER-LTC1382_15 Datasheet
119Kb / 8P
5V Low Power RS232 Transceiver with Shutdown
LTC1383 LINER-LTC1383_15 Datasheet
120Kb / 8P
5V Low Power RS232 Transceiver
LT1330 LINER-LT1330_15 Datasheet
169Kb / 10P
5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com