Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC660 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC660
Description  100mA CMOS Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC660 Datasheet(HTML) 1 Page - Linear Technology

  LTC660 Datasheet HTML 1Page - Linear Technology LTC660 Datasheet HTML 2Page - Linear Technology LTC660 Datasheet HTML 3Page - Linear Technology LTC660 Datasheet HTML 4Page - Linear Technology LTC660 Datasheet HTML 5Page - Linear Technology LTC660 Datasheet HTML 6Page - Linear Technology LTC660 Datasheet HTML 7Page - Linear Technology LTC660 Datasheet HTML 8Page - Linear Technology LTC660 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC660
100mA CMOS
Voltage Converter
TYPICAL APPLICATION
s
Simple Conversion of 5V to – 5V Supply
s
Output Drive: 100mA
s
ROUT: 6.5Ω (0.65V Loss at 100mA)
s
BOOST Pin (Pin 1) for Higher Switching Frequency
s
Inverting and Doubling Modes
s
Minimum Open Circuit Voltage Conversion
Efficiency: 99%
s
Typical Power Conversion Efficiency
with a 100mA Load: 88%
s
Easy to Use
The LTC
®660 is a monolithic CMOS switched-capacitor
voltage converter. It performs supply voltage conversion
from positive to negative from an input range of 1.5V to
5.5V, resulting in complementary output voltages of
– 1.5V to – 5.5V. It also performs a doubling at an input
voltage range of 2.5V to 5.5V, resulting in a doubled
output voltage of 5V to 11V. Only two external capacitors
are needed for the charge pump and charge reservoir
functions.
The converter has an internal oscillator that can be
overdriven by an external clock or slowed down when
connected to a capacitor. The oscillator runs at a 10kHz
frequency when unloaded. A higher frequency outside the
audio band can also be obtained if the BOOST pin is tied
to V +.
The LTC660 contains an internal oscillator, divide-by-two,
voltage level shifter and four power MOSFETs.
s
Conversion of 5V to
±5V Supplies
s
Inexpensive Negative Supplies
s
Data Acquisition Systems
s
High Current Upgrade to LTC1044 or LTC7660
FEATURES
DESCRIPTION
APPLICATIONS
Output Voltage vs
Load Current for V+ = 5V
LOAD CURRENT (mA)
0
–5.0
–4.8
–4.6
–4.4
–4.2
–4.0
80
660 TA02
20
40
60
100
TA = 25°C
ROUT = 6.5Ω
, LTC and LT are registered trademarks of Linear Technology Corporation.
Generating – 5V from 5V
1
2
3
4
8
7
6
5
BOOST
CAP+
GND
CAP–
C2
150
µF
660 TA01
C1
150
µF
–5V
OUTPUT
5V INPUT
LTC660
V+
OSC
LV
VOUT
+


Similar Part No. - LTC660

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC660 LINER-LTC660 Datasheet
262Kb / 12P
100mA CMOS Voltage Converter
logo
Analog Devices
LTC6601 AD-LTC6601 Datasheet
274Kb / 24P
Dual Adjustable Lowpass Filter
REV A
LTC6601 AD-LTC6601 Datasheet
250Kb / 20P
Dual Matched 7MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6601 AD-LTC6601 Datasheet
263Kb / 20P
Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6601 AD-LTC6601 Datasheet
258Kb / 20P
Dual Matched 14MHz Filter with Low Noise, Low Distortion Differential Amplifi er
More results

Similar Description - LTC660

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC660 LINER-LTC660 Datasheet
262Kb / 12P
100mA CMOS Voltage Converter
logo
Microchip Technology
TC1121 MICROCHIP-TC1121 Datasheet
442Kb / 14P
100mA Charge Pump Voltage Converter with Shutdown
2002
logo
Texas Instruments
TL7660 TI-TL7660 Datasheet
335Kb / 19P
CMOS VOLTAGE CONVERTER
logo
Intersil Corporation
ICL7662 INTERSIL-ICL7662_06 Datasheet
223Kb / 10P
CMOS Voltage Converter
January 9, 2006
logo
Microchip Technology
TC1121 MICROCHIP-TC1121_06 Datasheet
509Kb / 14P
100mA Charge Pump Voltage Converter with Shutdown
2006
TC1121EOA713 MICROCHIP-TC1121EOA713 Datasheet
462Kb / 14P
100mA Charge Pump Voltage Converter with Shutdown
02/16/06
logo
Texas Instruments
TL7660 TI1-TL7660_14 Datasheet
761Kb / 23P
CMOS VOLTAGE CONVERTER
logo
Microchip Technology
TC1121 MICROCHIP-TC1121_14 Datasheet
150Kb / 14P
100mA Charge Pump Voltage Converter with Shutdown
03/25/14
logo
Renesas Technology Corp
ICL7662 RENESAS-ICL7662 Datasheet
533Kb / 11P
CMOS Voltage Converter
logo
Silicon Supplies
SIS7660 SS-SIS7660 Datasheet
1Mb / 5P
CMOS Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com