Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1050 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1050
Description  Precision Zero-Drift Operational Amplifier with Internal Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1050 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1050 Datasheet HTML 8Page - Linear Technology LTC1050 Datasheet HTML 9Page - Linear Technology LTC1050 Datasheet HTML 10Page - Linear Technology LTC1050 Datasheet HTML 11Page - Linear Technology LTC1050 Datasheet HTML 12Page - Linear Technology LTC1050 Datasheet HTML 13Page - Linear Technology LTC1050 Datasheet HTML 14Page - Linear Technology LTC1050 Datasheet HTML 15Page - Linear Technology LTC1050 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1050
1050fb
S
APPLICATI
TYPICAL
Photodiode Amplifier
–
+
LTC1050
7
2
3
4
1050 TA16
5V
6
VOUT
500k
500k
HP
5082-4204
15pF
6 Decade Log Amplifier
–
+
LTC1050
7
2
3
2
3
VIN
VOUT
IIN
4
7
4
5V
0.0022µF
10k
0.1%
–5V
5V
–5V
IIN
1µA
66
2.5V
25k
1050 TA17
LT1009
–
+
22pF
5V
MAT-01
MAT-01
15.7k
0.1%
1k*
0.1%
VOUT = –LOG
= –LOG
= –LOG(VIN) – 2V
ERROR REFERRED TO INPUT <1%
FOR INPUT CURRENT RANGE 1nA ~ 1mA
*TEL LAB TYPE Q81
†CORRECTS FOR NONLINEARITIES
3k
1%
2M†
1%
1N4148†
2.5M
0.1%
LTC1050
()
VIN
10mV
()
DC Accurate, 10Hz, 7th Order Lowpass Bessel Filter
–
+
LTC1050
7
3
2
4
8V
–8V
6
VOUT
1050 TA18
C2
0.047µF
C1
0.047µF
• WIDEBAND NOISE 52µVRMS
• LINEAR PHASE
• VIN ≤ ±6V
• CLOCK TO CUTOFF FREQUENCY RATIO = 200:1
fCLK
2kHz
8V
0.1µF
8
7
6
5
1
2
3
4
R′
196k
C
0.47µF
0.1µF
–8V
VIN
R
16k
R′
196k
LTC1062
1N4148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com