Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1144 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1144
Description  Switched-Capacitor Wide Input Range Voltage Converter with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1144 Datasheet(HTML) 2 Page - Linear Technology

  LTC1144 Datasheet HTML 1Page - Linear Technology LTC1144 Datasheet HTML 2Page - Linear Technology LTC1144 Datasheet HTML 3Page - Linear Technology LTC1144 Datasheet HTML 4Page - Linear Technology LTC1144 Datasheet HTML 5Page - Linear Technology LTC1144 Datasheet HTML 6Page - Linear Technology LTC1144 Datasheet HTML 7Page - Linear Technology LTC1144 Datasheet HTML 8Page - Linear Technology LTC1144 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC1144
2
1144fa
For more information www.linear.com/LTC1144
absoluTe MaxiMuM raTings
Supply Voltage (V+) (Transient) ...............................20V
Supply Voltage (V+) (Operating) .............................. 18V
Input Voltage on Pins 1, 6, 7
(Note 2) ............................ –0.3V < VIN < (V+) + 0.3V
Output Short-Circuit Duration
V+ ≤ 10V ..................................................... Indefinite
V+ ≤ 15V .......................................................... 30 sec
V+ ≤ 20V ............................................. Not Protected
Power Dissipation ............................................. 500mW
Operating Temperature Range
LTC1144C................................................. 0°C to 70°C
LTC1144I..............................................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
(Note 1)
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1144CN8#PBF
LTC1144CN8#TRPBF
LTC1144CN8
8-Lead Plastic DIP
0°C to 70°C
LTC1144IN8#PBF
LTC1144IN8#TRPBF
LTC1144IN8
8-Lead Plastic DIP
–40°C to 85°C
LTC1144CS8#PBF
LTC1144CS8#TRPBF
1144
8-Lead Plastic SOIC
0°C to 70°C
LTC1144IS8#PBF
LTC1144IS8#TRPBF
1144I
8-Lead Plastic SOIC
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
1
2
3
4
8
7
6
5
TOP VIEW
BOOST
CAP+
GND
CAP–
V+
OSC
SHDN
VOUT
N8 PACKAGE
8-LEAD PLASTIC DIP
TJMAX = 110°C, θJA = 100°C/W
TOP VIEW
1
2
3
4
8
7
6
5
BOOST
CAP+
GND
CAP–
V+
OSC
SHDN
VOUT
S8 PACKAGE
8-LEAD PLASTIC SOIC
TJMAX = 110°C, θJA = 130°C/W
pin conFiguraTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com