Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A012012 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # A012012
Description  S-Video Gold Cable (MD4 M-M), 12-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

A012012 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  A012012 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved A012012 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S-Video Gold Cable (MD4 M/M), 12-ft.
MODEL NUMBER: A012-012
Description
Tripp Lite's Premium S-Video Gold Cable offers superior video quality, resulting in brighter, more saturated
colors, and sharper images. S-Video separates brightness from color, using two separate coaxial conductors to
create clean, accurate signals.
Features
Superb video clarity resulting in brighter colors and sharper images
Premium grade, 99.99% pure copper conductors
24KT Gold precision machined connector provides solid contact and resistance to corrosion
Double shielding ensures maximum protection against electromagnetic and radio frequency interference
Specifications
OVERVIEW
Cable Type
S-Video
INPUT
Cable Length (ft.)
12
Cable Length (m)
3.66
PHYSICAL
Color
Black
CONNECTIONS
Highlights
Constructed of high quality ,
99.99% pure solid copper
conductors
True 75 ohm impedance for
maximum bandwidth
Double-shielded construction
provides superior protection
against EMI/RFI
Excellent noise isolation with
100% aluminum mylar foil/braid
shielding
Applications
Home Theater applications that
require premium cabling for the
ultimate audio and video
experience
System Requirements
Home theater equipment with
S-Video connectors
Package Includes
12 ft. S-Video Gold Cable
1 / 2


Similar Part No. - A012012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A0120106A ETC2-A0120106A Datasheet
51Kb / 1P
MINIATURE WIDEBAND RF AMPLIFIERS
More results

Similar Description - A012012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A004-012 ETC2-A004-012 Datasheet
472Kb / 2P
Composite Video Gold Cable (RCA M/M), 12-ft
logo
Tripp Lite. All Rights ...
P568012 TRIPPLITE-P568012 Datasheet
482Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), 12-ft
P568025 TRIPPLITE-P568025 Datasheet
482Kb / 2P
High Speed HDMI Cable, Digital Video with Audio (M-M), 25-ft
A004006 TRIPPLITE-A004006 Datasheet
471Kb / 2P
Composite Video Gold Cable (RCA M-M), 6-ft.
A008006 TRIPPLITE-A008006 Datasheet
474Kb / 2P
Component Video Gold Cable (3xRCA M-M), 6-ft
A012006 TRIPPLITE-A012006 Datasheet
473Kb / 2P
S-Video Gold Cable (MD4 M-M), 6-ft
A060012 TRIPPLITE-A060012 Datasheet
478Kb / 2P
RF Digital Coax Gold Audio Cable (RCA M-M), 12-ft
A008-006 TRIPPLITE-A008-006 Datasheet
155Kb / 2P
Component Video Gold Cable (3xRCA M/M), 6-ft.
A060-012 TRIPPLITE-A060-012 Datasheet
156Kb / 2P
RF Digital Coax Gold Audio Cable (RCA M/M), 12-ft.
P586-012-HDMI TRIPPLITE-P586-012-HDMI Datasheet
167Kb / 2P
Mini-DisplayPort to HDMI Cable Adapter (M/M), 12-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com