Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BATSW Datasheet(PDF) 3 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BATSW
Description  SCHOTTKY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BATSW Datasheet(HTML) 3 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BATSW Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BATSW Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BATSW Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WEJ
ELECTRONIC
CO.,LTD
SOT-323 PACKAGE OUTLINE DIMENSIONS
Symbol
A
A1
A2
b
c
D
E
E1
e
e1
L
L1
θ
Min
0.900
0.000
0.900
0.200
0.080
2.000
1.150
2.150
1.200
0.260
0°
Max
1.100
0.100
1.000
0.400
0.150
2.200
1.350
2.450
1.400
0.460
8°
Min
0.035
0.000
0.035
0.008
0.003
0.079
0.045
0.085
0.047
0.010
0°
Max
0.043
0.004
0.039
0.016
0.006
0.087
0.053
0.096
0.055
0.018
8°
Dimensions In Millimeters
Dimensions In Inches
0.026TYP
0.021REF
0.650TYP
0.525REF
D
b
e1
e
θ
0.02
c
BAT54W
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com