Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1613 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1613
Description  1.4MHz, Single Cell DC/DC Converter in 5-Lead SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1613 Datasheet(HTML) 2 Page - Linear Technology

  LT1613_15 Datasheet HTML 1Page - Linear Technology LT1613_15 Datasheet HTML 2Page - Linear Technology LT1613_15 Datasheet HTML 3Page - Linear Technology LT1613_15 Datasheet HTML 4Page - Linear Technology LT1613_15 Datasheet HTML 5Page - Linear Technology LT1613_15 Datasheet HTML 6Page - Linear Technology LT1613_15 Datasheet HTML 7Page - Linear Technology LT1613_15 Datasheet HTML 8Page - Linear Technology LT1613_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1613
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
0.9
1.1
V
Maximum Operating Voltage
10
V
Feedback Voltage
q
1.205
1.23
1.255
V
FB Pin Bias Current
q
27
80
nA
Quiescent Current
VSHDN = 1.5V
3
4.5
mA
Quiescent Current in Shutdown
VSHDN = 0V, VIN = 2V
0.01
0.5
µA
VSHDN = 0V, VIN = 5V
0.01
1.0
µA
Reference Line Regulation
1.5V
≤ VIN ≤ 10V
0.02
0.2
%/V
Switching Frequency
q
1.0
1.4
1.8
MHz
Maximum Duty Cycle
q
82
86
%
Switch Current Limit
(Note 3)
550
800
mA
Switch VCESAT
ISW = 300mA
300
350
mV
Switch Leakage Current
VSW = 5V
0.01
1
µA
SHDN Input Voltage High
1V
SHDN Input Voltage Low
0.3
V
SHDN Pin Bias Current
VSHDN = 3V
25
50
µA
VSHDN = 0V
0.01
0.1
µA
(Note 1)
VIN Voltage .............................................................. 10V
SW Voltage ................................................– 0.4V to 36V
FB Voltage ..................................................... VIN + 0.3V
Current into FB Pin ...............................................
±1mA
SHDN Voltage .......................................................... 10V
Maximum Junction Temperature .......................... 125
°C
Operating Temperature Range
Commercial ............................................. 0
°C to 70°C
Extended Commercial (Note 2) ........... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
S5 PART MARKING
LTED
ORDER PART NUMBER
LT1613CS5
SW 1
GND 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
FB 3
5 VIN
4 SHDN
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Commercial grade 0°C to 70°C, VIN = 1.5V, VSHDN = VIN unless
otherwise noted. (Note 2)
Consult factory for Industrial and Military grade parts.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT1613C is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Current limit guaranteed by design and/or correlation to static test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com