Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1613 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1613
Description  1.4MHz, Single Cell DC/DC Converter in 5-Lead SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1613 Datasheet(HTML) 5 Page - Linear Technology

  LT1613 Datasheet HTML 1Page - Linear Technology LT1613 Datasheet HTML 2Page - Linear Technology LT1613 Datasheet HTML 3Page - Linear Technology LT1613 Datasheet HTML 4Page - Linear Technology LT1613 Datasheet HTML 5Page - Linear Technology LT1613 Datasheet HTML 6Page - Linear Technology LT1613 Datasheet HTML 7Page - Linear Technology LT1613 Datasheet HTML 8Page - Linear Technology LT1613 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1613
OPERATIO
LAYOUT
The LT1613 switches current at high speed, mandating
careful attention to layout for proper performance.
You
will not get advertised performance with careless layouts.
Figure 2 shows recommended component placement for
a boost (step-up) converter. Follow this closely in your
PCB layout. Note the direct path of the switching loops.
Input capacitor C1
must be placed close (< 5mm) to the IC
package. As little as 10mm of wire or PC trace from CIN to
VIN will cause problems such as inability to regulate or
oscillation.
The ground terminal of output capacitor C2 should tie
close to Pin 2 of the LT1613. Doing this reduces dI/dt in the
ground copper which keeps high frequency spikes to a
minimum. The DC/DC converter ground should tie to the
PC board ground plane at one place only, to avoid intro-
ducing dI/dt in the ground plane.
A SEPIC (single-ended primary inductance converter)
schematic is shown in Figure 3. This converter topology
produces a regulated output voltage that spans (i.e., can
be higher or lower than) the output. Recommended com-
ponent placement for a SEPIC is shown in Figure 4.
D1
1613 F02
GROUND
VIAS TO
GROUND
PLANE
SHUTDOWN
VIN
L1
VOUT
R2
R1
+
C2
+
C1
15
2
34
Figure 2. Recommended Component Placement for Boost
Converter. Note Direct High Current Paths Using Wide PCB
Traces. Minimize Area at Pin 3 (FB). Use Vias to Tie Local
Ground Into System Ground Plane. Use Vias at Location Shown
to Avoid Introducing Switching Currents Into Ground Plane
VIN
VOUT
5V/150mA
1613 F03
SW
L1A
22
µH
L1B
22
µH
D1
GND
LT1613
C1, C2: AVX TAJA156M016
C3: TAIYO YUDEN JMK325BJ226MM
D1: MOTOROLA MBR0520
L1, L2: MURATA LQH3C220
R2
32.4k
R1
100k
C3
1
µF
FB
SHDN
C1
15
µF
VIN
4V TO
7V
+
C2
15
µF
+
SHDN
Figure 3. Single-Ended Primary Inductance Converter (SEPIC)
Generates 5V from An Input Voltage Above or Below 5V
D1
C3
1613 F04
GROUND
VIAS TO
GROUND
PLANE
SHUTDOWN
VIN
L1A
L1B
VOUT
R2
R1
+
C2
+
C1
15
2
34
Figure 4. Recommended Component Placement for SEPIC
COMPONENT SELECTION
Inductors
Inductors used with the LT1613 should have a saturation
current rating (where inductance is approximately 70% of
zero current inductance) of approximately 0.5A or greater.
DCR of the inductors should be 0.5
Ω or less. For boost
converters, inductance should be 4.7
µH for input voltage
less than 3.3V and 10
µH for inputs above 3.3V. When
using the device as a SEPIC, either a coupled inductor or
two separate inductors can be used. If using separate
inductors, 22
µH units are recommended for input voltage
above 3.3V. Coupled inductors have a beneficial mutual
inductance, so a 10
µH coupled inductor results in the
same ripple current as two 20
µH uncoupled units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com