Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD3739D Datasheet(PDF) 13 Page - NEC

Part # UPD3739D
Description  5000 PIXELS CCD LINEAR IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3739D Datasheet(HTML) 13 Page - NEC

Back Button UPD3739D Datasheet HTML 9Page - NEC UPD3739D Datasheet HTML 10Page - NEC UPD3739D Datasheet HTML 11Page - NEC UPD3739D Datasheet HTML 12Page - NEC UPD3739D Datasheet HTML 13Page - NEC UPD3739D Datasheet HTML 14Page - NEC UPD3739D Datasheet HTML 15Page - NEC UPD3739D Datasheet HTML 16Page - NEC UPD3739D Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
µPD3739
13
TIMING CHART 6 (In phase operation)
TG
11
21, 2L1
12, 1L2
22
t51
t54
t53
t55
t52
90 %
50 %
50 %
50 %
10 %
φ
φ
φ
φ
φ
φ
φ
φ11, φ21 cross points
φ12, φ22 cross points
φ11, φ2L1 cross points
φ1L2, φ22 cross points
Remark Adjust cross points of (
φ11, φ21), (φ12, φ22), (φ11, φ2L1) and (φ1L2, φ22) with input resistance of each pin.
Symbol
MIN.
TYP.
MAX.
Unit
t31, t32, t41, t42
0
50
ns
t31’, t32’, t41’, t42’
0
5
ns
t33, t43
15
50
ns
t34, t44
5
20
ns
t35, t36, t45, t46
0
20
ns
t37, t37’, t47, t47’
25
—
ns
t51, t52
0
50
ns
t53
1000
2000
5000
ns
t54, t55
10
100
ns
11
21
φ
φ
2 V or more
2 V or more
2 V or more
2 V or more
12
22
φ
φ
0.5 V or more
11
2L1
2 V or more
φ
φ
2 V or more
0.5 V or more
22
1L2
φ
φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com