Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KHB0914A01 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KHB0914A01
Description  DIELECTRIC BAND PASS FILTER (TYPICAL PASSBAND CHARACTERISTIC)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KHB0914A01 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KHB0914A01 Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIELECTRIC DEVICE
TECHNICAL DATA
KHB0914A01
DIELECTRIC BAND PASS FILTER
Dimension Tolerance
: 0.1mm
6
1.8
1.2
+
_
814.5
MARKER 2
914.5 MHz
914.5
Frequency [MHz]
1014.5
80
60
40
20
0
40
30
20
10
0
Application
CT1
SYMBOL
Min
Typ.
Max.
Unit
Center Frequency
f
O
914.5
MHz
Bandwidth
BW
f
O
1
MHz
Insertion Loss
IL
3.5
dB
Ripple
0.5
dB
Standing Wave Ratio
VSWR
2.0
Impedance
Z
Attenuation
869.5MHz
959.5MHz
35
25
dB
SPECIFICATION
TYPICAL PASSBAND CHARACTERISTIC
DIMENSION


Similar Part No. - KHB0914A01

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KHB0959A01 KEC-KHB0959A01 Datasheet
34Kb / 1P
DIELECTRIC BAND PASS FILTER (TYPICAL PASSBAND CHARACTERISTIC)
More results

Similar Description - KHB0914A01

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KHB0959A01 KEC-KHB0959A01 Datasheet
34Kb / 1P
DIELECTRIC BAND PASS FILTER (TYPICAL PASSBAND CHARACTERISTIC)
KHB1890B01 KEC-KHB1890B01 Datasheet
34Kb / 1P
DIELECTRIC BAND PASS FILTER (TYPICAL PASSBAND CHARACTERISTIC)
KHB1890C01 KEC-KHB1890C01 Datasheet
33Kb / 1P
DIELECTRIC BAND PASS FILTER (TYPICAL PASSBAND CHARACTERISTIC)
KHB2403A01 KEC-KHB2403A01 Datasheet
34Kb / 1P
DIELECTRIC BAND PASS FILTER (TYPICAL PASSBAND CHARACTERISTIC)
KHB2403B01 KEC-KHB2403B01 Datasheet
35Kb / 1P
DIELECTRIC BAND PASS FILTER (TYPICAL PASSBAND CHARACTERISTIC)
KHB2442A01 KEC-KHB2442A01 Datasheet
34Kb / 1P
DIELECTRIC BAND PASS FILTER (TYPICAL PASSBAND CHARACTERISTIC)
KHB2450A01 KEC-KHB2450A01 Datasheet
34Kb / 1P
DIELECTRIC BAND PASS FILTER (TYPICAL PASSBAND CHARACTERISTIC)
KHB2475A01 KEC-KHB2475A01 Datasheet
34Kb / 1P
DIELECTRIC BAND PASS FILTER (TYPICAL PASSBAND CHARACTERISTIC)
KHB2475B01 KEC-KHB2475B01 Datasheet
34Kb / 1P
DIELECTRIC BAND PASS FILTER (TYPICAL PASSBAND CHARACTERISTIC)
KHX3681A01 KEC-KHX3681A01 Datasheet
37Kb / 1P
DIELECTRIC DUPLEXER (TYPICAL PASSBAND CHARACTERISTIC)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com