Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1793 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1793
Description  Low Noise, Picoampere Bias Current, JFET Input Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1793 Datasheet(HTML) 2 Page - Linear Technology

  LT1793_15 Datasheet HTML 1Page - Linear Technology LT1793_15 Datasheet HTML 2Page - Linear Technology LT1793_15 Datasheet HTML 3Page - Linear Technology LT1793_15 Datasheet HTML 4Page - Linear Technology LT1793_15 Datasheet HTML 5Page - Linear Technology LT1793_15 Datasheet HTML 6Page - Linear Technology LT1793_15 Datasheet HTML 7Page - Linear Technology LT1793_15 Datasheet HTML 8Page - Linear Technology LT1793_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1793
A
G
A
U
A
R
BSOLUTEXI
TI
S (Note 1)
Supply Voltage .....................................................
±20V
Differential Input Voltage ......................................
±40V
Input Voltage (Equal to Supply Voltage) ...............
±20V
Output Short-Circuit Duration ........................ Indefinite
Operating Temperature Range ............... – 40
°C to 85°C
Specified Temperature Range
Commercial (Note 8) ......................... – 40
°C to 85°C
Industrial ........................................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ................ 300
°C
PACKAGE/ORDER I FOR ATIO
Consult factory for Military grade parts.
TJMAX = 150°C, θJA = 80°C/W
ORDER PART
NUMBER
LT1793ACN8
LT1793CN8
LT1793AIN8
LT1793IN8
1
2
3
4
8
7
6
5
TOP VIEW
N8 PACKAGE
8-LEAD PDIP
A
VOS ADJ
–IN A
+IN A
V –
NC
V +
OUT
VOS ADJ
ORDER PART
NUMBER
S8 PART MARKING
LT1793ACS8
LT1793CS8
LT1793AIS8
LT1793IS8
1793A
1793
TJMAX = 160°C, θJA = 190°C/W
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
VOS ADJ
–IN A
+IN A
V–
NC
V+
OUT
VOS ADJ
A
1793AI
1793I
LT1793C/LT1793I
SYMBOL
PARAMETER
CONDITIONS (Note 2)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
0.25
0.8
0.25
0.9
mV
VS = ±5V
0.45
1.4
0.45
1.6
mV
IOS
Input Offset Current
Warmed Up (Note 3)
1.5
7
2.5
15
pA
TJ = 25°C (Note 6)
0.5
2
0.7
4
pA
IB
Input Bias Current
Warmed Up (Note 3)
3
10
4.0
20
pA
TJ = 25°C (Note 6)
1
3
1.5
5
pA
en
Input Noise Voltage
0.1Hz to 10Hz
2.4
2.4
µVP-P
Input Noise Voltage Density
fO = 10Hz
11.5
11.5
nV/
√Hz
fO = 1000Hz
6
8
6
8
nV/
√Hz
in
Input Noise Current Density
fO = 10Hz, fO = 1kHz (Note 4)
0.8
1
fA/
√Hz
RIN
Input Resistance
Differential Mode
10
14
10
14
Ω
Common Mode
VCM = –10V to 13V
10
13
10
13
Ω
CIN
Input Capacitance
1.5
1.5
pF
VS = ±5V
2.0
2.0
pF
VCM
Input Voltage Range (Note 5)
13.0
13.5
13.0
13.5
V
– 10.5
– 11.0
– 10.5
– 11.0
V
CMRR
Common Mode Rejection Ratio
VCM = –10V to 13V
83
102
81
96
dB
PSRR
Power Supply Rejection Ratio
VS = ±4.5V to ± 20V
85
98
83
95
dB
TA = 25°C, VS = ±15V, VCM = 0V, unless otherwise noted.
ELECTRICAL C
C
HARA TERISTICS
LT1793AC/LT1793AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com