Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1920 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1920
Description  Single Resistor Gain Programmable, Precision Instrumentation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1920 Datasheet(HTML) 2 Page - Linear Technology

  LT1920_15 Datasheet HTML 1Page - Linear Technology LT1920_15 Datasheet HTML 2Page - Linear Technology LT1920_15 Datasheet HTML 3Page - Linear Technology LT1920_15 Datasheet HTML 4Page - Linear Technology LT1920_15 Datasheet HTML 5Page - Linear Technology LT1920_15 Datasheet HTML 6Page - Linear Technology LT1920_15 Datasheet HTML 7Page - Linear Technology LT1920_15 Datasheet HTML 8Page - Linear Technology LT1920_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1920
ABSOLUTE MAXIMUM RATINGS
ORDER PART
NUMBER
PACKAGE/ORDER INFORMATION
LT1920CN8
LT1920CS8
LT1920IN8
LT1920IS8
S8 PART MARKING
1920
1920I
1
2
3
4
8
7
6
5
TOP VIEW
RG
–IN
+IN
–VS
RG
+VS
OUTPUT
REF
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
+
TJMAX = 150°C, θJA = 130°C/ W (N8)
TJMAX = 150°C, θJA = 190°C/ W (S8)
(Note 1)
Supply Voltage ......................................................
±20V
Differential Input Voltage (Within the
Supply Voltage) .....................................................
±40V
Input Voltage (Equal to Supply Voltage) ................
±20V
Input Current (Note 3) ........................................
±20mA
Output Short-Circuit Duration .......................... Indefinite
Operating Temperature Range ................ – 40
°C to 85°C
Specified Temperature Range
LT1920C (Note 4) .................................... 0
°C to 70°C
LT1920I .............................................. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
Consult factory for Military grade parts.
ELECTRICAL CHARACTERISTICS V
S = ± 15V, VCM = 0V, TA = 25°C, RL = 2k, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS (Note 6)
MIN
TYP
MAX
UNITS
G
Gain Range
G = 1 + (49.4k/RG)
1
10k
Gain Error
G = 1
0.008
0.1
%
G = 10 (Note 2)
0.010
0.3
%
G = 100 (Note 2)
0.025
0.3
%
G = 1000 (Note 2)
0.040
0.35
%
G/T
Gain vs Temperature
G < 1000 (Note 2)
q
20
50
ppm/
°C
Gain Nonlinearity (Note 5)
VO = ±10V, G = 1
10
ppm
VO = ±10V, G = 10 and 100
10
30
ppm
VO = ±10V, G = 100 and 1000
20
ppm
VOST
Total Input Referred Offset Voltage
VOST = VOSI + VOSO/G
VOSI
Input Offset Voltage
G = 1000, VS = ±5V to ±15V
30
125
µV
G = 1000, VS = ±5V to ±15V
q
185
µV
VOSI/T
Input Offset Drift (RTI)
(Note 3)
q
1
µV/°C
VOSO
Output Offset Voltage
G = 1, VS = ±5V to ±15V
400
1000
µV
G = 1, VS = ±5V to ±15V
q
1500
µV
VOSO/T
Output Offset Drift
(Note 3)
q
515
µV/°C
IOS
Input Offset Current
0.3
1
nA
IB
Input Bias Current
0.5
2
nA
en
Input Noise Voltage, RTI
0.1Hz to 10Hz, G = 1
2.00
µVP-P
0.1Hz to 10Hz, G = 10
0.50
µVP-P
0.1Hz to 10Hz, G = 100 and 1000
0.28
µVP-P
Total RTI Noise =
e
ni
2 + (eno/G)2
eni
Input Noise Voltage Density, RTI
fO = 1kHz
7.5
nV/
√Hz
eno
Output Noise Voltage Density, RTI
fO = 1kHz
67
nV/
√Hz
in
Input Noise Current
fO = 0.1Hz to 10Hz
10
pAP-P
Input Noise Current Density
fO = 10Hz
124
fA/
√Hz
RIN
Input Resistance
VIN = ±10V
200
G
CIN(DIFF)
Differential Input Capacitance
fO = 100kHz
1.6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com