Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK5201 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK5201
Description  Ultra Low Dropout Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5201 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5201 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5201 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5201 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5201 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5201 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
Outputs are decoupled to ground using 33μF minimum tantalum capacitance unless otherwise specified.
This parameter is guaranteed by design but need not be tested.
Typical parameters are representative of actual device performance but are for reference only.
All output parameters are tested using a low duty cycle pulse to maintain TJ = TC.
Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ('H' suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 5 and 6 testing available upon request.
Subgroup 1,4
TC= +25°C
Subgroup 2,5
TJ = +125°C
Subgroup 3,6
TA= -55°C
Please consult the factory if alternate output voltages are required.
Input voltage (VIN =VOUT + a specified voltage) is implied to be more negative than VOUT.
Due to current limit, maximum output current may not be available at all values of VIN-VOUT and temperatures.
See typical performance curves for clarification.
The output current limit function provides protection from transient overloads but it may exceed the maximum continuous rating.
Continuous operation in current limit may damage the device.
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
VIN=VOUT+1V
IOUT=0A
IOUT=2A; ΔVOUT=-1%
100mA≤IOUT≤2.5A
VIN=VOUT+1V
IOUT=0A
(VOUT+1V)≤VIN≤(26V)
VIN=VOUT+1V; IOUT=0A
VIN=VOUT+1V
IOUT=3A; COUT=25μF; f=120Hz
Junction to Case @ 125°C
VIN=VOUT+1.5V
IOUT= OA
IOUT=2A; ΔVOUT=-1%
VIN=VOUT+1.5V
100mA≤IOUT≤2.5A
IOUT=0A
(VOUT+1.5V)≤VIN≤(26V)
VIN=VOUT+1.5V; IOUT=0A
VIN=VOUT+1.5V
IOUT=3A; COUT=25μF; f=120Hz
Junction to Case @ 125°C
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK5200-5210
MSK5200H-5210H
±26V
Internally Limited
±3.0A
+150°C
-65°C to +150°C
300°C
-40°C to +125°C
-55°C to +125°C
ABSOLUTE MAXIMUM RATINGS
TST
TLD
TC
Input Voltage
Power Dissipation
Output Current
Junction Temperature
±VIN
PD
IOUT
TJ
POSITIVE OUTPUT REGULATORS:
Dropout Voltage
Quiescent Current
Short Circuit Current
Ripple Rejection
Thermal Resistance
NEGATIVE OUTPUT REGULATORS:
Output Voltage Tolerance
Dropout Voltage
Quiescent Current
Short Circuit Current
Ripple Rejection
Thermal Resistance
NOTES:
Min.
-
-
-
-
-
-
-
-
-
60
-
-
-
-
-
-
-
-
-
3.0
60
-
Group A
Subgroup
1
2,3
1
1
2,3
1
2,3
1,2,3
1
4
-
1
2,3
1
1
2,3
1
2,3
1,2,3
1
4
-
Typ.
0.5
1.0
350
0.2
0.3
0.1
0.5
10
4.5
75
2.5
0.1
0.1
550
0.3
0.5
0.1
0.5
4.5
3.5
75
4.7
Typ.
0.5
1.0
350
0.2
0.3
0.1
0.5
10
4.5
75
2.5
0.1
-
550
0.3
0.5
0.1
0.5
4.5
3.5
75
4.7
Parameter
ELECTRICAL SPECIFICATIONS
Test Conditions
Units
MSK 5200 SERIES
MSK 5200H SERIES
1
2
2
2
2
2
%
%
mV
%
%
%
%
mA
A
dB
°C/W
%
%
mV
%
%
%
%
mA
A
dB
°C/W
2
3
2
2
2
Rev. H 12/10
Min.
-
-
-
-
-
-
-
-
-
60
-
-
-
-
-
-
-
-
-
3.0
60
-
Max.
1.0
2.0
600
1.0
2.0
0.5
1.0
15
5.0
-
3.0
1.0
2.0
700
1.5
2.5
0.5
1.0
10
-
-
5.9
Max.
1.5
-
625
1.2
-
0.6
-
15
5.0
-
3.2
2.0
-
750
1.7
-
0.6
-
10
-
-
5.9
-5.2V
-5.2V
-5.2V
-5.2V
-5.2V
-5.0V
-5.0V
-5.0V
-5.0V
-5.0V
-5.2V
-5.2V
-5.2V
-5.2V
-5.2V
-5.0V
-5.0V
-5.0V
-5.0V
-5.0V
-12.0V
-12.0V
-12.0V
-12.0V
-12.0V
-15.0V
-15.0V
-15.0V
-15.0V
-15.0V
-5.0V
-5.0V
-5.0V
-5.0V
-5.0V
-12.0V
-12.0V
-12.0V
-12.0V
-12.0V
-15.0V
-15.0V
-15.0V
-15.0V
-15.0V
-10.0V
-10.0V
-10.0V
-10.0V
-10.0V
-5.2V
-5.2V
-5.2V
-5.2V
-5.2V
PART
PART
PART
PART
PART
NUMBER
NUMBER
NUMBER
NUMBER
NUMBER
OUTPUT VOLTAGES
OUTPUT VOLTAGES
OUTPUT VOLTAGES
OUTPUT VOLTAGES
OUTPUT VOLTAGES
+3.3V
+3.3V
+3.3V
+3.3V
+3.3V
+5.0V
+5.0V
+5.0V
+5.0V
+5.0V
+5.0V
+5.0V
+5.0V
+5.0V
+5.0V
+12.0V
+12.0V
+12.0V
+12.0V
+12.0V
+12.0V
+12.0V
+12.0V
+12.0V
+12.0V
+15.0V
+15.0V
+15.0V
+15.0V
+15.0V
+15.0V
+15.0V
+15.0V
+15.0V
+15.0V
+5.0V
+5.0V
+5.0V
+5.0V
+5.0V
+5.0V
+5.0V
+5.0V
+5.0V
+5.0V
+10.0V
+10.0V
+10.0V
+10.0V
+10.0V
+5.2V
+5.2V
+5.2V
+5.2V
+5.2V
MSK 5200
MSK 5200
MSK 5200
MSK 5200
MSK 5200
MSK 5201
MSK 5201
MSK 5201
MSK 5201
MSK 5201
MSK 5202
MSK 5202
MSK 5202
MSK 5202
MSK 5202
MSK 5203
MSK 5203
MSK 5203
MSK 5203
MSK 5203
MSK 5204
MSK 5204
MSK 5204
MSK 5204
MSK 5204
MSK 5205
MSK 5205
MSK 5205
MSK 5205
MSK 5205
MSK 5206
MSK 5206
MSK 5206
MSK 5206
MSK 5206
MSK 5207
MSK 5207
MSK 5207
MSK 5207
MSK 5207
MSK 5208
MSK 5208
MSK 5208
MSK 5208
MSK 5208
MSK 5209
MSK 5209
MSK 5209
MSK 5209
MSK 5209
MSK 5210
MSK 5210
MSK 5210
MSK 5210
MSK 5210
8
NEGATIVE
NEGATIVE
NEGATIVE
NEGATIVE
NEGATIVE
POSITIVE
POSITIVE
POSITIVE
POSITIVE
POSITIVE
9
Output Voltage Tolerance
Load Regulation
Line Regulation
Load Regulation
Line Regulation
10
10
12
11
11



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com