Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1947 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1947
Description  Adjustable Output TFT-LCD Triple Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1947 Datasheet(HTML) 2 Page - Linear Technology

  LT1947_15 Datasheet HTML 1Page - Linear Technology LT1947_15 Datasheet HTML 2Page - Linear Technology LT1947_15 Datasheet HTML 3Page - Linear Technology LT1947_15 Datasheet HTML 4Page - Linear Technology LT1947_15 Datasheet HTML 5Page - Linear Technology LT1947_15 Datasheet HTML 6Page - Linear Technology LT1947_15 Datasheet HTML 7Page - Linear Technology LT1947_15 Datasheet HTML 8Page - Linear Technology LT1947_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT1947
2
1947fa
VIN Voltage ................................................................ 8V
CT Voltage.................................................................. 6V
SW1, SW2 Voltage .................................................. 36V
VON, VO2 Voltage ..................................................... 30V
ORDER PART
NUMBER
MSE PART MARKING
LTBQW
LT1947EMSE
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Order Options Tape and Reel: Add #TR, Lead Free: Add #PBF, Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
FB1, FB2 .................................................................... 3V
SHDN ......................................................................... 8V
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
1
2
3
4
5
FB1
FB2
CT
SW1
GND
10
9
8
7
6
VON
VO2
SHDN
SW2
VIN
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
ORDER PART
NUMBER
MS PART MARKING
LTUE
LT1947EMS
TJMAX = 125°C, θJA = 120°C/W
TJMAX = 125°C, θJA = 40°C/W
1
2
3
4
5
FB1
FB2
CT
SW1
GND
10
9
8
7
6
VON
V02
SHDN
SW2
VIN
TOP VIEW
11
MSE PACKAGE
10-LEAD PLASTIC MSOP
EXPOSED PAD (PIN 11) IS GND
MUST BE SOLDERED TO PCB
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V, VSHDN = 3.3V unless otherwise specified.
ELECTRICAL CHARACTERISTICS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
2.7
8
V
Supply Current
SHDN = 2.4V
9.5
12.5
mA
SHDN = 0V
1
µA
FB1 Voltage
1.240
1.26
1.280
V
●
1.225
1.295
V
FB2 Voltage
1.225
1.26
1.295
V
●
1.210
1.310
V
Reference Line Regulation
VIN = 2.7V to 8V
0.01
0.05
%/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com