Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1948 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1948
Description  DC/DC Converter for TFT-LCD Panels
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1948 Datasheet(HTML) 2 Page - Linear Technology

  LT1948_15 Datasheet HTML 1Page - Linear Technology LT1948_15 Datasheet HTML 2Page - Linear Technology LT1948_15 Datasheet HTML 3Page - Linear Technology LT1948_15 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LT1948
2
VIN Voltage ................................................................ 8V
CT Voltage.................................................................. 6V
SW1, SW2 Voltage .................................................. 36V
FB Voltage ................................................................. 3V
VON, VO2 Voltage..................................................... 30V
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
MS8 PART
MARKING
TJMAX = 125°C, θJA = 200°C/W
Consult factory for Industrial and Military grade parts.
LTNR
LT1948EMS8
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT1948 is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V unless otherwise specified.
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
Not Switching
7
13
mA
Reference Voltage
1.26
V
Reference Line Reg
2.7V < VIN < 8V
0.01
%/V
CT Source Current
VFB1 = 1.3V
4.5
5.5
6.5
µA
CT Voltage to Turn On Q3
1.25
1.28
1.30
V
FB1 Voltage to Begin CT Charge
1.17
1.20
1.23
V
SW1 Current Limit
(Note 3)
1.2
1.5
A
SW2 Current Limit
(Note 3)
0.5
0.8
A
SW1 Saturation Voltage
ISW1 = 800mA
350
410
mV
SW2 Saturation Voltage
ISW2 = 300mA
250
300
mV
Oscillator Frequency
q
2.4
3.2
3.6
MHz
Maximum Duty Cycle
70
75
90
%
0
°C ≤ TA ≤ 85°C
q
69
%
–40
°C ≤ TA ≤ 0°C
q
67
%
VO2 Pin Resistance
Measured to Ground
400
k
Ω
SW1, SW2 Error Amp Gain
100
V/V
SW1, SW2 Error Amp Gm
50
µA/V
FB1 Regulation Voltage
1.240
1.260
1.280
V
q
1.230
1.285
V
FB1 Line Regulation
2.7V < VIN < 8V
0.01
0.05
VO2 Regulation Voltage
22
23
24
V
VON Switch Drop
VO2 = 25V, 7mA Load from VON, CT Voltage >1.30V
200
260
mV
SW1 Leakage Current
Switch Off, SW1 Voltage = 3.3V
0.01
5
µA
SW2 Leakage Current
Switch Off, SW2 Voltage = 3.3V
0.01
2
µA
1
2
3
4
FB1
CT
SW1
GND
8
7
6
5
VON
VO2
SW2
VIN
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Current limit guaranteed by design and/or correlation to static test.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com