Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1340 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1340
Description  Low Noise, Voltage-Boosted Varactor Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1340 Datasheet(HTML) 2 Page - Linear Technology

  LTC1340 Datasheet HTML 1Page - Linear Technology LTC1340 Datasheet HTML 2Page - Linear Technology LTC1340 Datasheet HTML 3Page - Linear Technology LTC1340 Datasheet HTML 4Page - Linear Technology LTC1340 Datasheet HTML 5Page - Linear Technology LTC1340 Datasheet HTML 6Page - Linear Technology LTC1340 Datasheet HTML 7Page - Linear Technology LTC1340 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1340
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) ................................................. 7V
Input Voltage (AVCC) ............................................... 14V
Input Voltage (SHDN, IN) ............... – 0.3V to VCC + 0.3V
Output Voltage (CP, OUT) ............ – 0.3V to AVCC + 0.3V
Output Short-Circuit Duration .......................... Indefinite
Commercial Temperature Range ................. 0
°C to 70°C
Extended Commercial Operating
Temperature Range (Note 1) ............. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec.)................. 300
°C
PACKAGE/ORDER INFORMATION
TJMAX = 125°C, θJA = 200°C/ W
1
2
3
4
CP
VCC
SHDN
PGND
8
7
6
5
AVCC
OUT
AGND
IN
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
LTC1340CMS8
ORDER PART
NUMBER
ORDER PART
NUMBER
LTC1340CS8
MS8 PART MARKING
S8 PART MARKING
LTBM
1340
AVCC
OUT
AGND
IN
CP
VCC
SHDN
PGND
S8 PACKAGE
8-LEAD PLASTIC SO
TOP VIEW
1
2
3
4
8
7
6
5
TJMAX = 125°C, θJA = 130°C/ W
Consult factory for Industrial and Military grade parts.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Input Supply Voltage
q
2.7
6
V
ICC
Supply Current
IOUT = 0, 2.7V ≤ VCC ≤ 6V
q
500
900
µA
Shutdown, 2.7V
≤ VCC ≤ 6V
q
110
µA
VOL
Low Output Voltage Swing
VCC = 2.7V, 6V, IOUT= 0µA
q
0.25
V
VCC = 2.7V, 6V, IOUT= 14µA
q
0.6
V
VOH
High Output Voltage Swing
VCC = 2.7V, IOUT= 0µA
q
4.6
V
VCC = 6V, IOUT= 0µA
q
10.5
V
VCC = 2.7V, IOUT= 14µA
q
4.25
V
VCC = 6V, IOUT= 14µA
q
9.75
V
IOUT
Output Sink/Source Current
0.6V
≤ VOUT ≤ 4.25V, VCC = 2.7V
q
±14
±20
±35
µA
0.6V
≤ VOUT ≤ 9.75V, VCC = 6V
q
±14
±20
±35
µA
tOUT
Output Transition Time
COUT = 1nF, ∆VOUT = ±4V
q
200
285
µs
VIN
Input Voltage Range
q
0VCC
V
IB
Input Bias Current
0.1V
≤ VIN ≤ VCC
±0.01
±1nA
q
±10
nA
VOS
Input Offset Voltage
q
0.15
0.35
0.60
V
AV
Amplifier Gain
VIN = 1V, AVCC = 5V
q
2.1
2.3
2.5
V/V
gm
Amplifier Transconductance
VOUT = 2.5V, AVCC = 5V
1200
1800
2300
µmho
VOUT = 2.5V, AVCC = 5V
q
800
3200
µmho
ROUT
Output Impedance
VOUT = 1/2AVCC
1M
Ω
en
Output Noise Voltage
1kHz to 100kHz, COUT = 1nF
15
25
µVRMS
BW
– 3dB Signal Bandwidth
COUT = 1nF
125
kHz
PSRR
Power Supply Rejection Ratio
AVCC = 4V to 6V, COUT = 1nF
q
60
90
dB
ISHDN
Shutdown Logic Input Current
0.1V
≤ VSHDN ≤ VCC
±0.01
±1
µA
ELECTRICAL CHARACTERISTICS TA = 25°C, unless otherwise noted. (Note 1)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com