Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1345 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1345
Description  Single Supply V.35 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1345 Datasheet(HTML) 4 Page - Linear Technology

  LTC1345 Datasheet HTML 1Page - Linear Technology LTC1345 Datasheet HTML 2Page - Linear Technology LTC1345 Datasheet HTML 3Page - Linear Technology LTC1345 Datasheet HTML 4Page - Linear Technology LTC1345 Datasheet HTML 5Page - Linear Technology LTC1345 Datasheet HTML 6Page - Linear Technology LTC1345 Datasheet HTML 7Page - Linear Technology LTC1345 Datasheet HTML 8Page - Linear Technology LTC1345 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1345
Receiver
tPLH – tPHL
vs Temperature
TEMPERATURE (˚C)
–50
25
LTC1345 • TPC04
10
5
–25
0
50
0
20
15
75
100
125
VCC = 5V
VEE Voltage vs Temperature
TEMPERATURE (˚C)
–50
25
LTC1345 • TPC06
–5.5
–6.0
–25
0
50
–6.5
–4.5
–5.0
75
100
125
VCC = 5V
Supply Current vs Temperature
TEMPERATURE (˚C)
–50
25
LTC1345 • TPC05
100
80
–25
0
50
60
140
120
20
15
10
30
25
75
100
125
VCC = 5V
LOADED
NO LOAD
Receiver Output Waveforms
R3 (Pin 11): Receiver 3 Output.
R2 (Pin 12): Receiver 2 Output.
R1 (Pin 13): Receiver 1 Output.
OE (Pin 14): Receiver Output Enable.
A1 (Pin 15): Receiver 1 Inverting Input.
B1 (Pin 16): Receiver 1 Noninverting Input.
A2 (Pin 17): Receiver 2 Inverting Input.
B2 (Pin 18): Receiver 2 Noninverting Input.
A3 (Pin 19): Receiver 3 Inverting Input.
B3 (Pin 20): Receiver 3 Noninverting Input.
Z3 (Pin 21): Transmitter 3 Inverting Output.
C2+ (Pin 1): Capacitor C2 Positive Terminal.
C1+ (Pin 2): Capacitor C1 Positive Terminal.
VCC (Pin 3): Positive Supply, 4.75 ≤ VCC ≤ 5.25V.
C1– (Pin 4): Capacitor C1 Negative Terminal.
GND (Pin 5): Ground. The positive terminal of C3 is
connected to ground.
T1 (Pin 6): Transmitter 1 Input.
T2 (Pin 7): Transmitter 2 Input.
T3 (Pin 8): Transmitter 3 Input.
S1 (Pin 9): Select Input 1.
S2 (Pin 10): Select Input 2.
Transmitter Output Waveforms
INPUT
5V/DIV
OUTPUT
5V/DIV
OUTPUT
0.2V/DIV
LTC1345 • TPC07
INPUT
0.2/DIV
LTC1345 • TPC08
TYPICAL PERFOR A CE CHARACTERISTICS
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com