Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS50AS-03 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # FS50AS-03
Description  HIGH-SPEED SWITCHING USE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS50AS-03 Datasheet(HTML) 4 Page - Renesas Technology Corp

  FS50AS-03 Datasheet HTML 1Page - Renesas Technology Corp FS50AS-03 Datasheet HTML 2Page - Renesas Technology Corp FS50AS-03 Datasheet HTML 3Page - Renesas Technology Corp FS50AS-03 Datasheet HTML 4Page - Renesas Technology Corp FS50AS-03 Datasheet HTML 5Page - Renesas Technology Corp FS50AS-03 Datasheet HTML 6Page - Renesas Technology Corp FS50AS-03 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Feb.1999
6.5
2.3
0.9MAX.
2.3
1.0
0.5
± 0.1
0.5
± 0.2
0.8
5.0
± 0.2
A
q GATE
w DRAIN
e SOURCE
r DRAIN
wr
q
qwe
r
e
FS50AS-03
OUTLINE DRAWING
Dimensions in mm
MP-3
MITSUBISHI Nch POWER MOSFET
FS50AS-03
HIGH-SPEED SWITCHING USE
APPLICATION
Motor control, Lamp control, Solenoid control
DC-DC converter, etc.
30
±20
50
200
50
50
200
35
–55 ~ +150
–55 ~ +150
0.26
VGS = 0V
VDS = 0V
L = 30
µH
Typical value
Drain-source voltage
Gate-source voltage
Drain current
Drain current (Pulsed)
Avalanche drain current (Pulsed)
Source current
Source current (Pulsed)
Maximum power dissipation
Channel temperature
Storage temperature
Weight
V
V
A
A
A
A
A
W
°C
°C
g
VDSS
VGSS
ID
IDM
IDA
IS
ISM
PD
Tch
Tstg
—
Symbol
MAXIMUM RATINGS (Tc = 25
°C)
Parameter
Conditions
Ratings
Unit
¡10V DRIVE
¡VDSS .................................................................................. 30V
¡rDS (ON) (MAX) .............................................................. 23m
Ω
¡ID ......................................................................................... 50A
¡Integrated Fast Recovery Diode (TYP.) ............. 60ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com