Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P022025 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P022025
Description  Standard Power Extension Cord, 10A, 18AWG (NEMA 5-15P to NEMA 5-15R), 25-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P022025 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P022025 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P022025 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Standard Power Extension Cord, 10A, 18AWG
(NEMA 5-15P to NEMA 5-15R), 25-ft.
MODEL NUMBER: P022-025
Description
Tripp Lite's P022-025 Power Extension Cord allows you to connect to an existing power cable to extend its length an additional 25ft. Features a NEMA 5-15R
receptacle and a NEMA 5-15P plug. Constructed of 18AWG wire, the cable is rated 10AMP, 120Volts.
Features
Extends a power cord an additional 25ft.
NEMA 5-15R to NEMA 5-15P
18AWG x 3C, SJT, 10A, 120V
Specifications
INPUT
Cable Length (ft.)
25
Cable Length (m)
7.6
PHYSICAL
Color
Black
CONNECTIONS
Connector A
NEMA 5-15P
Connector B
NEMA 5-15R
WARRANTY
Highlights
5-15P to 5-15R
Extends a power cord an
additional 25ft.
3 x 18AWG, 10A, 120V
Package Includes
25ft, 5-15P to 5-15R Power
Extension Cord
1 / 2


Similar Part No. - P022025

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P022001 TRIPPLITE-P022001 Datasheet
469Kb / 2P
Standard Power Extension Cord, 10A, 18AWG (NEMA 5-15P to NEMA 5-15R), 1-ft
P0220012 TRIPPLITE-P0220012 Datasheet
477Kb / 2P
Standard Power Extension Cord Y Splitter Cable, 10A, 18AWG (NEMA 5-15P to 2x NEMA 5-15R), 1-ft
P022015 TRIPPLITE-P022015 Datasheet
487Kb / 2P
Standard Power Extension Cord, 10A, 18AWG (NEMA 5-15P to NEMA 5-15R), 15-ft
logo
JIEJIE MICROELECTRONICS...
P0220A JIEJIE-P0220A Datasheet
201Kb / 4P
Excellent capability of absorbing transient surge
logo
Shanghai Yint Electroni...
P0220E YINT-P0220E Datasheet
591Kb / 4P
Thyristor Surge Suppressors (TSS)
More results

Similar Description - P022025

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P022001 TRIPPLITE-P022001 Datasheet
469Kb / 2P
Standard Power Extension Cord, 10A, 18AWG (NEMA 5-15P to NEMA 5-15R), 1-ft
P022015 TRIPPLITE-P022015 Datasheet
487Kb / 2P
Standard Power Extension Cord, 10A, 18AWG (NEMA 5-15P to NEMA 5-15R), 15-ft
P0220012 TRIPPLITE-P0220012 Datasheet
477Kb / 2P
Standard Power Extension Cord Y Splitter Cable, 10A, 18AWG (NEMA 5-15P to 2x NEMA 5-15R), 1-ft
P02400113A TRIPPLITE-P02400113A Datasheet
497Kb / 2P
Standard Power Extension Cord, 13A, 16AWG (NEMA 5-15P to NEMA 5-15R), 1-ft
P02400313A TRIPPLITE-P02400313A Datasheet
497Kb / 2P
Standard Power Extension Cord, 13A, 16AWG (NEMA 5-15P to NEMA 5-15R), 3-ft
P02400613A TRIPPLITE-P02400613A Datasheet
498Kb / 2P
Standard Power Extension Cord, 13A, 16AWG (NEMA 5-15P to NEMA 5-15R), 6-ft
P02401013A TRIPPLITE-P02401013A Datasheet
497Kb / 2P
Standard Power Extension Cord, 13A, 16AWG (NEMA 5-15P to NEMA 5-15R), 10-ft
P022-015 TRIPPLITE-P022-015 Datasheet
494Kb / 4P
Standard Power Extension Cord, 10A, 18AWG (NEMA 5-15P to NEMA 5-15R) 15-ft.
P024-015-13A TRIPPLITE-P024-015-13A Datasheet
497Kb / 2P
Standard Power Extension Cord, 13A, 16 AWG (NEMA 5-15P to NEMA 5-15R), 15 ft.
P024-025 TRIPPLITE-P024-025 Datasheet
497Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14 AWG (NEMA 5-15P to NEMA 5-15R), 25 ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com