Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P024006 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P024006
Description  Heavy-Duty Power Extension Cord, 15A, 14AWG (NEMA 5-15P to NEMA 5-15R), 6-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P024006 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P024006 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P024006 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Heavy-Duty Power Extension Cord, 15A, 14AWG
(NEMA 5-15P to NEMA 5-15R), 6-ft.
MODEL NUMBER: P024-006
Description
Tripp Lite's P024-006 6 ft. Heavy Duty Power Extension Cord allows you to extend the length of your existing power cord an additional 6 ft.. Features a NEMA
5-15R receptacle and a NEMA 5-15P plug. Constructed of 14AWG wire, the cable is rated 15AMP, 120Volts.
Features
Extend the length of your existing power cord an additional 6 ft.
NEMA 5-15R to NEMA 5-15P
14AWG x 3C, SJT, 15A, 120V
UL listed
Specifications
INPUT
Cable Length (ft.)
6
Cable Length (m)
1.83
PHYSICAL
Color
Black
CONNECTIONS
Connector A
NEMA 5-15P
Connector B
NEMA 5-15R
Highlights
6 ft. 5-15R to 5-15P Heavy Duty
Power Extension Cord
3 x 14AWG, 15A, 120V, SJT
UL listed
Package Includes
6 ft. 5-15R to 5-15P 14AWG, 15A
Heavy Duty Power Extension
Cord
1 / 2


Similar Part No. - P024006

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P02400613A TRIPPLITE-P02400613A Datasheet
498Kb / 2P
Standard Power Extension Cord, 13A, 16AWG (NEMA 5-15P to NEMA 5-15R), 6-ft
More results

Similar Description - P024006

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P023001 TRIPPLITE-P023001 Datasheet
488Kb / 2P
Heavy-Duty Power Extension Server Cord, 15A,14AWG (NEMA 5-15P to NEMA L5-15R), 1-ft
P024003 TRIPPLITE-P024003 Datasheet
498Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (NEMA 5-15P to NEMA 5-15R), 3-ft
P024010 TRIPPLITE-P024010 Datasheet
497Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (NEMA 5-15P to NEMA 5-15R), 10-ft
P02400613A TRIPPLITE-P02400613A Datasheet
498Kb / 2P
Standard Power Extension Cord, 13A, 16AWG (NEMA 5-15P to NEMA 5-15R), 6-ft
P007-006 TRIPPLITE-P007-006 Datasheet
483Kb / 2P
Heavy-Duty Computer Power Cord, 14AWG 15A (NEMA 5-15P to IEC-320-C13), 6-ft.
P024-015 TRIPPLITE-P024-015 Datasheet
497Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14 AWG (NEMA 5-15P to NEMA 5-15R), 15 ft.
P024-025 TRIPPLITE-P024-025 Datasheet
497Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14 AWG (NEMA 5-15P to NEMA 5-15R), 25 ft
P024-006 TRIPPLITE-P024-006 Datasheet
175Kb / 3P
Power Extension Cord, NEMA 5-15P to NEMA 5-15R - Heavy-Duty, 15A, 120V, 14 AWG, 6 ft. (1.83 m), Black
P024-010 TRIPPLITE-P024-010 Datasheet
175Kb / 3P
Power Extension Cord, NEMA 5-15P to NEMA 5-15R - Heavy-Duty, 15A, 120V, 14 AWG, 10 ft. (3.05 m), Black
P024-006-15D TRIPPLITE-P024-006-15D Datasheet
166Kb / 3P
Power Extension Cord, Right-Angle NEMA 5-15P to NEMA 5-15R - Heavy-Duty, 15A, 120V, 14 AWG, 6 ft. (1.83 m), Black
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com