Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P032007 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P032007
Description  Heavy-Duty Power Cord for PDU, 15A, 12AWG (IEC-320- C13 to IEC-320-C20), 7-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P032007 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P032007 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P032007 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Heavy-Duty Power Cord for PDU, 15A, 12AWG
(IEC-320- C13 to IEC-320-C20), 7-ft.
MODEL NUMBER: P032-007
Description
Featuring IEC-320-C13 to IEC-320-C20 connectors, Tripp Lite's P032-007 Power Cord is ideal for use with Tripp Lite PDUs using IEC-320-C19 connectors.
Cable is 12 Gauge x 3 Conductors, 15A, 100-250V.
Features
Molded, Heavy-Duty Power Cable, 7 ft.
IEC-320-C13 to IEC-320-C20
12AWG x 3C, SJTW, 15A, 100-250Volt
Specifications
INPUT
Cable Length (ft.)
7
Cable Length (m)
2.13
PHYSICAL
Color
Black
CONNECTIONS
Connector A
IEC-320-C13
Connector B
IEC-320-C20
Number of Connectors
2
Highlights
C13 to C20 Power Cable, 7 ft.
12AWG x 3C
Applications
Ideal for connecting equipment
to a Power Distribution Unit (PDU)
Package Includes
C13 to C20 Power Cable, 7 ft.
1 / 2


Similar Part No. - P032007

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P0320022C13 TRIPPLITE-P0320022C13 Datasheet
472Kb / 2P
Heavy-Duty Power Splitter Y Cable, 15A, 14AWG (IEC-320-C20 to 2x IEC-320-C13), 2-ft
More results

Similar Description - P032007

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P005002 TRIPPLITE-P005002 Datasheet
484Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 2-ft
P005006 TRIPPLITE-P005006 Datasheet
485Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 6-ft
P005010 TRIPPLITE-P005010 Datasheet
484Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 10-ft
P036002 TRIPPLITE-P036002 Datasheet
479Kb / 2P
Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to IEC-320-C20), 2-ft
P036006 TRIPPLITE-P036006 Datasheet
485Kb / 2P
Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to IEC-320-C20), 6-ft
P036010 TRIPPLITE-P036010 Datasheet
477Kb / 2P
Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to IEC-320-C20) 10-ft
P0360026 TRIPPLITE-P0360026 Datasheet
481Kb / 2P
Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to IEC-320-C20), 6-pack, 2-ft
P03600219RA TRIPPLITE-P03600219RA Datasheet
469Kb / 2P
Heavy-Duty Power Extension Cord, 20A, 12AWG (Right Angle IEC-320-C19 to IEC-320-C20), 2-ft
P03600220LA TRIPPLITE-P03600220LA Datasheet
470Kb / 2P
Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to Left Angle IEC-320-C20), 2-ft
P03600220RA TRIPPLITE-P03600220RA Datasheet
472Kb / 2P
Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to Right Angle IEC-320-C20), 2-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com