Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P034010 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P034010
Description  Heavy-Duty Power Cord, 15A, 14AWG (IEC-320-C19 to NEMA 5-15P), 10-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P034010 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P034010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P034010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Heavy-Duty Power Cord, 15A, 14AWG (IEC-320-C19
to NEMA 5-15P), 10-ft.
MODEL NUMBER: P034-010
Description
Use Tripp Lite's P034-010 in server applications that require a higher rated, heavier gauge cable. IEC-60320-C19 to NEMA 5-15P connectors, 3 x 14 AWG
conductors, 15A/125V rating.
Features
Molded, Heavy-Duty Power Cable, 10 ft.
IEC-60320-C19 to NEMA 5-15P
14 AWG x 3C, SJT, 15A, 125 Volt
RoHS Compliant
Specifications
INPUT
Cable Length (ft.)
10
Cable Length (m)
3.05
PHYSICAL
Color
Black
CONNECTIONS
Connector A
NEMA 5-15P
Connector B
IEC-320-C19
Number of Connectors
2
Highlights
C19 to 5-15P Power Cable, 10 ft.
14 AWG x 3C
RoHS Compliant
Package Includes
C19 to 5-15P Power Cable, 10 ft.
1 / 2


Similar Part No. - P034010

ManufacturerPart #DatasheetDescription
logo
AZ Displays
P0340WQLB-T AZDISPLAYS-P0340WQLB-T Datasheet
1Mb / 21P
Tentative Product Specification
P0340WQLC-T AZDISPLAYS-P0340WQLC-T Datasheet
1Mb / 20P
Tentative Product Specification
More results

Similar Description - P034010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P047-006 TRIPPLITE-P047-006 Datasheet
481Kb / 3P
Heavy-Duty Power Cord, 15A, 14AWG (IEC-320-C19 to IEC-320-C14) 6-ft.
P007010 TRIPPLITE-P007010 Datasheet
482Kb / 2P
Heavy-Duty Computer Power Cord, 10A, 14AWG (NEMA 5-15P to IEC-320-C13), 10-ft
P019004 TRIPPLITE-P019004 Datasheet
487Kb / 2P
Heavy-Duty Power Cord, 15A,14AWG (NEMA 5-15P to IEC-320-C15), 4-ft
P019008 TRIPPLITE-P019008 Datasheet
488Kb / 2P
Heavy-Duty Power Cord, 15A,14AWG (NEMA 5-15P to IEC-320-C15), 8-ft
P047002 TRIPPLITE-P047002 Datasheet
479Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C19 to IEC-320-C14), 2-ft
P047004 TRIPPLITE-P047004 Datasheet
479Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C19 to IEC-320-C14), 4-ft.
P047006 TRIPPLITE-P047006 Datasheet
480Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C19 to IEC-320-C14), 6-ft
P047010 TRIPPLITE-P047010 Datasheet
479Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C19 to IEC-320-C14), 10-ft
P007-006 TRIPPLITE-P007-006 Datasheet
483Kb / 2P
Heavy-Duty Computer Power Cord, 14AWG 15A (NEMA 5-15P to IEC-320-C13), 6-ft.
P007-010 TRIPPLITE-P007-010 Datasheet
484Kb / 3P
Heavy-Duty Computer Power Cord, 14AWG 15A (NEMA 5-15P to IEC-320-C13) 10-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com