Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3980 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3980
Description  58V, 2A, 2.4MHz Step-Down Switching Regulator with 85A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3980 Datasheet(HTML) 2 Page - Linear Technology

  LT3980_15 Datasheet HTML 1Page - Linear Technology LT3980_15 Datasheet HTML 2Page - Linear Technology LT3980_15 Datasheet HTML 3Page - Linear Technology LT3980_15 Datasheet HTML 4Page - Linear Technology LT3980_15 Datasheet HTML 5Page - Linear Technology LT3980_15 Datasheet HTML 6Page - Linear Technology LT3980_15 Datasheet HTML 7Page - Linear Technology LT3980_15 Datasheet HTML 8Page - Linear Technology LT3980_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3980
2
3980fa
For more information www.linear.com/LT3980
The ● denotes the specifications which apply over the full operating temper-
ature range, otherwise specifications are at TA = 25°C. VIN = 10V, VRUN/SS = 10V, VBOOST = 15V, VBD = 3.3V unless otherwise noted. (Note 2)
elecTrical characTerisTics
VIN, RUN/SS Voltage (Note 5)...................................80V
BOOST Pin Voltage ...................................................75V
BOOST Pin Above SW Pin.........................................30V
FB, RT, VC Voltage.......................................................5V
PG, BD, SYNC Voltage ..............................................25V
(Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
●
3
3.6
V
VIN Overvoltage Lockout
●
58
61.5
64
V
Quiescent Current from VIN
VRUN/SS = 0.2V
VBD = 3V, Not Switching
VBD = 0, Not Switching
20
70
0.01
35
120
0.5
60
160
µA
µA
µA
Operating Junction Temperature Range (Note 2)
LT3980E.............................................–40°C to 125°C
LT3980I..............................................–40°C to 125°C
LT3980H ............................................–40°C to 150°C
Storage Temperature Range...................–65°C to 150°C
Lead Temperature (Soldering, 10 sec)
(MSE Only) ....................................................... 300°C
1
2
3
4
5
6
7
14
13
12
11
10
9
8
DA
NC
VIN
SW
BOOST
BD
RUN/SS
SYNC
NC
PG
FB
VC
RT
GND
TOP VIEW
DE14 PACKAGE
14-LEAD (4mm
× 3mm) PLASTIC DFN
15
GND
θJA = 45°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 15) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
SYNC
PG
NC
FB
NC
VC
RT
GND
16
15
14
13
12
11
10
9
NC
DA
VIN
NC
SW
BOOST
BD
RUN/SS
TOP VIEW
MSE PACKAGE
16-LEAD PLASTIC MSOP
17
GND
θJA = 45°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
pin conFiGuraTion
orDer inFormaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3980EDE#PBF
LT3980EDE#TRPBF
3980
14-Lead (3mm
× 4mm) Plastic DFN
–40°C to 125°C
LT3980IDE#PBF
LT3980IDE#TRPBF
3980
14-Lead (3mm
× 4mm) Plastic DFN
–40°C to 125°C
LT3980EMSE#PBF
LT3980EMSE#TRPBF
3980
16-Lead Plastic MSOP
–40°C to 125°C
LT3980IMSE#PBF
LT3980IMSE#TRPBF
3980
16-Lead Plastic MSOP
–40°C to 125°C
LT3980HMSE#PBF
LT3980HMSE#TRPBF
3980
16-Lead Plastic MSOP
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
absoluTe maximum raTinGs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com