Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4320 Datasheet(PDF) 2 Page - Linear Technology

Part # LT4320
Description  Ideal Diode Bridge Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4320 Datasheet(HTML) 2 Page - Linear Technology

  LT4320_15 Datasheet HTML 1Page - Linear Technology LT4320_15 Datasheet HTML 2Page - Linear Technology LT4320_15 Datasheet HTML 3Page - Linear Technology LT4320_15 Datasheet HTML 4Page - Linear Technology LT4320_15 Datasheet HTML 5Page - Linear Technology LT4320_15 Datasheet HTML 6Page - Linear Technology LT4320_15 Datasheet HTML 7Page - Linear Technology LT4320_15 Datasheet HTML 8Page - Linear Technology LT4320_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LT4320/LT4320-1
2
4320fb
For more information www.linear.com/LT4320
pin conFiguration
absolute MaxiMuM ratings
Supply Voltages
IN1, IN2.................................................... –3V to 80V
OUTP ..................................................... –0.3V to 80V
Output Voltages (Note 3)
BG1, BG2, TG1, TG2............................... –0.3V to 80V
TG1-IN1, TG2-IN2....................................–0.3V to 12V
(Notes 1, 2)
TOP VIEW
9
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
IN2
TG2
BG2
BG1
IN1
TG1
OUTP
OUTN
TJMAX = 150°C, θJC = 5.5°C/W
EXPOSED PAD (PIN 9) MUST BE
CONNECTED TO OUTN (PIN 5)
1
2
3
4
5
6
IN2
TG2
NC
NC
BG2
BG1
12
11
10
9
8
7
IN1
TG1
NC
OUTP
NC
OUTN
TOP VIEW
13
MSE PACKAGE
12-LEAD PLASTIC MSOP
TJMAX = 150°C, θJC = 10°C/W
EXPOSED PAD (PIN 13) MUST BE
CONNECTED TO OUTN (PIN 7)
1
2
3
4
8
7
6
5
TOP VIEW
IN2
TG2
BG2
BG1
IN1
TG1
OUTP
OUTN
N8 PACKAGE
8-LEAD PLASTIC DIP
TJMAX = 150°C, θJC = 45°C/W
orDer inForMation
LEAD FREE FINISH
TAPE AND REEL
PART MARKING* PACKAGE DESCRIPTION
OPERATING JUNCTION
TEMPERATURE RANGE
LT4320IDD#PBF
LT4320IDD#TRPBF
LGCV
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LT4320HDD#PBF
LT4320HDD#TRPBF
LGCV
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT4320IDD-1#PBF
LT4320IDD-1#TRPBF
LGCW
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LT4320HDD-1#PBF
LT4320HDD-1#TRPBF
LGCW
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT4320IMSE#PBF
LT4320IMSE#TRPBF
4320
12-Lead Plastic MSOP
–40°C to 85°C
LT4320HMSE#PBF
LT4320HMSE#TRPBF
4320
12-Lead Plastic MSOP
–40°C to 125°C
LT4320MPMSE#PBF
LT4320MPMSE#TRPBF
4320
12-Lead Plastic MSOP
–55°C to 125°C
LT4320IMSE-1#PBF
LT4320IMSE-1#TRPBF
43201
12-Lead Plastic MSOP
–40°C to 85°C
LT4320HMSE-1#PBF
LT4320HMSE-1#TRPBF
43201
12-Lead Plastic MSOP
–40°C to 125°C
LT4320MPMSE-1#PBF
LT4320MPMSE-1#TRPBF
43201
12-Lead Plastic MSOP
–55°C to 125°C
LT4320IN8#PBF
NA
LT4320N8
8-Lead PDIP
–40°C to 85°C
LT4320HN8#PBF
NA
LT4320N8
8-Lead PDIP
–40°C to 125°C
LT4320IN8-1#PBF
NA
LT4320N8-1
8-Lead PDIP
–40°C to 85°C
LT4320HN8-1#PBF
NA
LT4320N8-1
8-Lead PDIP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Junction Temperature Range
LT4320I................................................–40°C to 85°C
LT4320H ............................................ –40°C to 125°C
LT4320MP ......................................... –55°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSE, PDIP Packages ........................................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com