Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5516 Datasheet(PDF) 2 Page - Linear Technology

Part # LT5516
Description  800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5516 Datasheet(HTML) 2 Page - Linear Technology

  LT5516_15 Datasheet HTML 1Page - Linear Technology LT5516_15 Datasheet HTML 2Page - Linear Technology LT5516_15 Datasheet HTML 3Page - Linear Technology LT5516_15 Datasheet HTML 4Page - Linear Technology LT5516_15 Datasheet HTML 5Page - Linear Technology LT5516_15 Datasheet HTML 6Page - Linear Technology LT5516_15 Datasheet HTML 7Page - Linear Technology LT5516_15 Datasheet HTML 8Page - Linear Technology LT5516_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT5516
2
5516fa
Power Supply Voltage ............................................ 5.5V
Enable Voltage ...................................................... 0, VCC
LO+ to LO– Differential Voltage ...............................
±2V
(+10dBm Equivalent)
RF+ to RF– Differential Voltage ................................
±2V
(+10dBm Equivalent)
Operating Ambient Temperature ..............–40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 125°C
Maximum Junction Temperature .......................... 125
°C
ORDER PART
NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LT5516EUF
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
16 15 14 13
5
6
7
8
TOP VIEW
17
UF PACKAGE
16-LEAD (4mm
× 4mm) PLASTIC QFN
9
10
11
12
4
3
2
1
GND
RF+
RF
–
GND
VCC
LO–
LO+
VCC
EXPOSED PAD (PIN 17) IS GROUND
(MUST BE SOLDERED TO PCB)
TJMAX = 125°C, θJA = 38°C/W
UF PART
MARKING
5516
TA = 25°C. VCC = 5V, EN = high, fRF1 = 899.9MHz, fRF2 = 900.1MHz,
fLO = 901MHz, PLO = –10dBm unless otherwise noted. (Notes 2, 3) (Test circuit shown in Figure 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Frequency Range
0.8 to 1.5
GHz
LO Power
–13 to – 2
dBm
Conversion Gain
Voltage Gain, Load Impedance = 1k
2
4.3
dB
Conversion Gain Variation vs Temperature
– 40
°C to 85°C
0.01
dB/
°C
Noise Figure
R1 = 8.2
Ω
11.4
dB
R1 = 3.3
Ω, PLO = –5dBm
12.8
dB
Input 3rd Order Intercept
2-Tone, –10dBm/Tone,
R1 = 8.2
Ω
17.0
dBm
∆f = 200kHz
R1 = 3.3
Ω, PLO = –5dBm
21.5
dBm
Input 2nd Order Intercept
Input = –10dBm
R1 = 8.2
Ω
46.0
dBm
R1 = 3.3
Ω, PLO = –5dBm
52.0
dBm
Input 1dB Compression
R1 = 8.2
Ω
6.6
dBm
Baseband Bandwidth
260
MHz
I/Q Gain Mismatch
(Note 4)
0.2
0.7
dB
I/Q Phase Mismatch
(Note 4)
1
degree
Output Impedance
Differential
120
Ω
LO to RF Leakage
– 65
dBm
RF to LO Isolation
57
dB
AC ELECTRICAL CHARACTERISTICS
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com