Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P045010 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P045010
Description  Heavy-Duty Power Extension Cord for Servers, 20A, 12AWG (IEC-320-C19 to NEMA L5-20P), 10-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P045010 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P045010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P045010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Heavy-Duty Power Extension Cord for Servers, 20A,
12AWG (IEC-320-C19 to NEMA L5-20P), 10-ft.
MODEL NUMBER: P045-010
Description
Tripp Lite Heavy-Duty C19 to L5-20P 10 ft. Power Cable. Constructed with 3 x 12 AWG copper conductors, fully molded ends, 125V/20A rating.
Features
Molded, Heavy-Duty Power Cable, 10 ft.
IEC-60320-C19 to NEMA L5-20P
12 AWG x 3C, SJT, 20A, 250 Volt
RoHS Compliant
Specifications
INPUT
Cable Length (ft.)
10
Cable Length (m)
3.05
PHYSICAL
Color
Black
CONNECTIONS
Connector A
NEMA L5-20P
Connector B
IEC-320-C19
Number of Connectors
2
Highlights
C19 to L5-20P Power Cable, 10
ft.
12 AWG x 3C
RoHS Compliant
Package Includes
C19 to L5-20P Power Cable, 10
ft.
1 / 2


Similar Part No. - P045010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P045-010 TRIPPLITE-P045-010 Datasheet
159Kb / 2P
C19 to L5-20P Heavy-Duty Extension Cord - 20A, 125V, 12 AWG, 10 ft., Black
logo
Vicor Corporation
P045F048T17AL VICOR-P045F048T17AL Datasheet
1Mb / 14P
PRM Regulator
P045F048T17AL VICOR-P045F048T17AL Datasheet
570Kb / 2P
PRM Regulator and VTM Current Multiplier
P045F048T17AL-CB VICOR-P045F048T17AL-CB Datasheet
507Kb / 9P
PRM짰 and VTM짰 Customer Evaluation Boards
P045F048T32AL VICOR-P045F048T32AL Datasheet
1Mb / 14P
PRM Regulator
More results

Similar Description - P045010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P036002 TRIPPLITE-P036002 Datasheet
479Kb / 2P
Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to IEC-320-C20), 2-ft
P036006 TRIPPLITE-P036006 Datasheet
485Kb / 2P
Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to IEC-320-C20), 6-ft
P036010 TRIPPLITE-P036010 Datasheet
477Kb / 2P
Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to IEC-320-C20) 10-ft
P040006 TRIPPLITE-P040006 Datasheet
489Kb / 2P
Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to NEMA L6-20P), 6-ft
P040014 TRIPPLITE-P040014 Datasheet
489Kb / 2P
Heavy-Duty Power Extension Cord for PDU and UPS, 20A, 12AWG (IEC-320-C19 to NEMA L6-20P), 14-ft
P049010 TRIPPLITE-P049010 Datasheet
481Kb / 2P
Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to NEMA 5-20P), 10-ft
P0360026 TRIPPLITE-P0360026 Datasheet
481Kb / 2P
Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to IEC-320-C20), 6-pack, 2-ft
P03600219RA TRIPPLITE-P03600219RA Datasheet
469Kb / 2P
Heavy-Duty Power Extension Cord, 20A, 12AWG (Right Angle IEC-320-C19 to IEC-320-C20), 2-ft
P03600220LA TRIPPLITE-P03600220LA Datasheet
470Kb / 2P
Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to Left Angle IEC-320-C20), 2-ft
P03600220RA TRIPPLITE-P03600220RA Datasheet
472Kb / 2P
Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to Right Angle IEC-320-C20), 2-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com