Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P047010 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P047010
Description  Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C19 to IEC-320-C14), 10-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P047010 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P047010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P047010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Heavy-Duty Power Extension Cord, 15A, 14AWG
(IEC-320-C19 to IEC-320-C14), 10-ft.
MODEL NUMBER: P047-010
Description
Tripp Lite Heavy Duty C19 to C14 10 ft. Power Cable. Constructed with 3 x 14 AWG copper conductors, fully molded ends, 100-250V / 15A rating.
Features
Molded, Heavy-Duty Power Cable, 10 ft.
IEC-60320-C19 to IEC-60320-C14
14 AWG x 3C, SJT, 15A, 100-250 Volt
RoHS Compliant
Specifications
INPUT
Cable Length (ft.)
10
Cable Length (m)
3.05
PHYSICAL
Color
Black
CONNECTIONS
Connector A
IEC-320-C14
Connector B
IEC-320-C19
Number of Connectors
2
Highlights
C19 to C14 Power Cable, 10 ft.
14 AWG x 3C - 15A - 250V
RoHS Compliant
Package Includes
C19 to C14 Power Cable, 10 ft.
1 / 2


Similar Part No. - P047010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P047002 TRIPPLITE-P047002 Datasheet
479Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C19 to IEC-320-C14), 2-ft
P047004 TRIPPLITE-P047004 Datasheet
479Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C19 to IEC-320-C14), 4-ft.
P047006 TRIPPLITE-P047006 Datasheet
480Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C19 to IEC-320-C14), 6-ft
P04700610A TRIPPLITE-P04700610A Datasheet
482Kb / 2P
Standard Power Extension Cord, 10A, 18AWG (IEC-320-C19 to IEC-320-C14), 6-ft
logo
Wuxi U-NIKC Semiconduct...
P0470ATF UNIKC-P0470ATF Datasheet
535Kb / 6P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - P047010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P047-006 TRIPPLITE-P047-006 Datasheet
481Kb / 3P
Heavy-Duty Power Cord, 15A, 14AWG (IEC-320-C19 to IEC-320-C14) 6-ft.
P00512N TRIPPLITE-P00512N Datasheet
485Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 1-ft
P005002 TRIPPLITE-P005002 Datasheet
484Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 2-ft
P005006 TRIPPLITE-P005006 Datasheet
485Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 6-ft
P005010 TRIPPLITE-P005010 Datasheet
484Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 10-ft
P047002 TRIPPLITE-P047002 Datasheet
479Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C19 to IEC-320-C14), 2-ft
P047004 TRIPPLITE-P047004 Datasheet
479Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C19 to IEC-320-C14), 4-ft.
P047006 TRIPPLITE-P047006 Datasheet
480Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C19 to IEC-320-C14), 6-ft
P00501014LA TRIPPLITE-P00501014LA Datasheet
511Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (Left Angle IEC-320-C14 to IEC-320-C13), 10-ft
P00501014RA TRIPPLITE-P00501014RA Datasheet
509Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (Right Angle IEC-320-C14 to IEC-320-C13), 10-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com